Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HC4059 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HC4059
Description  Programmable divide-by-n counter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4059 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HC4059 Datasheet HTML 9Page - NXP Semiconductors 74HC4059 Datasheet HTML 10Page - NXP Semiconductors 74HC4059 Datasheet HTML 11Page - NXP Semiconductors 74HC4059 Datasheet HTML 12Page - NXP Semiconductors 74HC4059 Datasheet HTML 13Page - NXP Semiconductors 74HC4059 Datasheet HTML 14Page - NXP Semiconductors 74HC4059 Datasheet HTML 15Page - NXP Semiconductors 74HC4059 Datasheet HTML 16Page - NXP Semiconductors 74HC4059 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1998 Jul 08
13
Philips Semiconductors
Product specification
Programmable divide-by-n counter
74HC/HCT4059
The arrangement shown in Fig.12 is easy to follow; once
during every cycle the programmed digits are jammed in
(15 616 in this example) and then a round number of
11 000 is jammed in, nine times in succession, by forcing
the JAM inputs via AND/OR gates.
Numbers larger than the extended counter range can also
be produced by cascading the PC74HC/HCT4059 with
some other counting devices. Figure 13 shows such an
arrangement where only one fixed divide-by number is
desired. The dual flip-flop wired to produce a divide-by-3
count can be replaced by other counters such as the “190”,
“191”, “192”, “193”, “4017”, “4510” and “4516”.
In Fig.13 the divide-by-n sub-system is preset once to a
number which represents the least significant digits of the
divide-by number (15 690 in the example shown in Fig.13).
The sub-system is then preset twice to a round number
(8 000 in the example shown in Fig.13) and multiplied by
the number of the divide-by mode (2 in the example shown
in Fig.13).
To verify:
15 690
+ 2 × 8 000 × 2 = 47 690.
It is important that the second counting device has an
output that is HIGH or LOW during only one of its counting
states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com