Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM85C30-10PC Datasheet(PDF) 53 Page - Advanced Micro Devices

Part # AM85C30-10PC
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30-10PC Datasheet(HTML) 53 Page - Advanced Micro Devices

Back Button AM85C30-10PC Datasheet HTML 49Page - Advanced Micro Devices AM85C30-10PC Datasheet HTML 50Page - Advanced Micro Devices AM85C30-10PC Datasheet HTML 51Page - Advanced Micro Devices AM85C30-10PC Datasheet HTML 52Page - Advanced Micro Devices AM85C30-10PC Datasheet HTML 53Page - Advanced Micro Devices AM85C30-10PC Datasheet HTML 54Page - Advanced Micro Devices AM85C30-10PC Datasheet HTML 55Page - Advanced Micro Devices AM85C30-10PC Datasheet HTML 56Page - Advanced Micro Devices AM85C30-10PC Datasheet HTML 57Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
AMD
53
Am85C30
PHYSICAL DIMENSIONS
PD 040
06823E
CJ76 PD 040
1/21/93 c dc
.045
.065
.005
MIN
.090
.110
.140
.225
.014
.022
.015
.060
2.040
2.080
1
.530
.580
.120
.160
.008
.015
.600
.625
0°
7°
.630
.700
END VIEW
SIDE VIEW
TOP VIEW
PL 044
.050
REF
.042
.048
.650
.656
.685
.695
.650
.656
.685
.695
.042
.056
.165
.180
.090
.120
.009
.015
.500
REF
.013
.021
.590
.630
.020
MIN
.025
.045
06752F
CJ48 PL 044
1/21/93 c dc
R
.026
.032
TOP VIEW
SIDE VIEW
Trademarks
Copyright
© 1993 Advanced Micro Devices, Inc. All rights reserved.
AMD is a registered trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com