Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM85C30-8JC Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM85C30-8JC
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30-8JC Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM85C30-8JC Datasheet HTML 1Page - Advanced Micro Devices AM85C30-8JC Datasheet HTML 2Page - Advanced Micro Devices AM85C30-8JC Datasheet HTML 3Page - Advanced Micro Devices AM85C30-8JC Datasheet HTML 4Page - Advanced Micro Devices AM85C30-8JC Datasheet HTML 5Page - Advanced Micro Devices AM85C30-8JC Datasheet HTML 6Page - Advanced Micro Devices AM85C30-8JC Datasheet HTML 7Page - Advanced Micro Devices AM85C30-8JC Datasheet HTML 8Page - Advanced Micro Devices AM85C30-8JC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
AMD
3
Am85C30
CONNECTION DIAGRAMS
Top View
D0
D2
D4
D6
RD
WR
A/
B
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Am85C30
10216F-2
10216F-3
Note:
Pin 1 is marked for orientation.
DIP
•
D1
D3
D5
D7
INT
IEO
IEI
INTACK
+5 V
W/REQA
SYNCA
RTxCA
RxDA
TRxCA
TxDA
DTR/REQA
RTSA
CTSA
DCDA
PCLK
CE
D/
C
GND
W/REQB
SYNCB
RTxCB
RxDB
TRxCB
TxDB
DTR/REQB
RTSB
CTSB
DCDB
1 44 43 42
5
4
3
2
641 40
7
8
9
10
11
12
13
14
15
16
17
23 24 25 26
19 20 21 22
18
27 28
39
38
37
36
35
34
33
32
31
30
29
IEO
IEI
INTACK
+5 V
W/REQA
SYNCA
RTxCA
RxDA
TRxCA
TxDA
NC
A/
B
CE
D/
C
NC
GND
W/REQB
SYNCB
RTxCB
RxDB
TRxCB
TxDB
PLCC, LCC
LOGIC SYMBOL
D7–D0
RD
WR
A/
B
CE
D/
C
TxDA
RxDA
TRxCA
RTxCA
SYNCA
W/REQA
DTR/REQA
RTSA
CTSA
DCDA
TxDB
RxDB
TRxCB
RTxCB
Serial
Data
Channel
Clocks
Channel
Controls
for
Modem,
DMA, or
Other
Serial
Data
Channel
Clocks
Data
Bus
Control
+5 V GND
PCLK
8
Channel
Controls
for
Modem,
DMA, or
Other
Bus Timing
and Reset
Interrupt
10216F-4
SYNCB
W/REQB
DTR/REQB
RTSB
CTSB
DCDB
INT
INTACK
IEI
IE0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com