Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STD3NK60ZT4 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STD3NK60ZT4
Description  N-channel 600 V, 3.2 Ω typ., 2.4 A SuperMESH™ Power MOSFETs in D²PAK, IPAK, DPAK, TO-220 and TO-220FP packages
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD3NK60ZT4 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STD3NK60ZT4 Datasheet HTML 17Page - STMicroelectronics STD3NK60ZT4 Datasheet HTML 18Page - STMicroelectronics STD3NK60ZT4 Datasheet HTML 19Page - STMicroelectronics STD3NK60ZT4 Datasheet HTML 20Page - STMicroelectronics STD3NK60ZT4 Datasheet HTML 21Page - STMicroelectronics STD3NK60ZT4 Datasheet HTML 22Page - STMicroelectronics STD3NK60ZT4 Datasheet HTML 23Page - STMicroelectronics STD3NK60ZT4 Datasheet HTML 24Page - STMicroelectronics STD3NK60ZT4 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
4.6
DPAK (TO-252) type C package information
Figure 28. DPAK (TO-252) type C package outline
0068772_C_25
STB3NK60ZT4,STD3NK60Z-1,STD3NK60ZT4,STP3NK60Z,STP3NK60ZFP
DPAK (TO-252) type C package information
DS2912 - Rev 6
page 21/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com