Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB3NK60ZT4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STB3NK60ZT4
Description  N-channel 600 V, 3.2 Ω typ., 2.4 A SuperMESH™ Power MOSFETs in D²PAK, IPAK, DPAK, TO-220 and TO-220FP packages
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB3NK60ZT4 Datasheet(HTML) 2 Page - STMicroelectronics

  STB3NK60ZT4 Datasheet HTML 1Page - STMicroelectronics STB3NK60ZT4 Datasheet HTML 2Page - STMicroelectronics STB3NK60ZT4 Datasheet HTML 3Page - STMicroelectronics STB3NK60ZT4 Datasheet HTML 4Page - STMicroelectronics STB3NK60ZT4 Datasheet HTML 5Page - STMicroelectronics STB3NK60ZT4 Datasheet HTML 6Page - STMicroelectronics STB3NK60ZT4 Datasheet HTML 7Page - STMicroelectronics STB3NK60ZT4 Datasheet HTML 8Page - STMicroelectronics STB3NK60ZT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
D2PAK, TO-220
TO-220FP
DPAK, IPAK
VDS
Drain-source voltage
600
V
VGS
Gate-source voltage
±30
V
ID
Drain current (continuous) at TC = 25 °C
2.4
2.4 (1)
2.4
A
ID
Drain current (continuous) at TC = 100 °C
1.51
1.51 (1)
1.51
A
IDM (2)
Drain current (pulsed)
9.6
9.6 (1)
9.6
A
PTOT
Total dissipation at TC = 25 °C
45
20
45
W
ESD
Gate-source human body model
(R = 1.5 kΩ, C = 100 pF)
2.1
kV
VISO
Insulation withstand voltage (RMS)
from all three leads to external heat-sink
(t = 1 s, TC = 25 °C)
2.5
kV
dv/dt (3)
Peak diode recovery voltage slope
4.5
V/ns
Tj
Operating junction temperature range
-55 to 150
°C
Tstg
Storage temperature range
1. Limited by maximum junction temperature.
2. Pulse width limited by safe operating area.
3. ISD ≤ 2.4 A, di/dt ≤ 200 A/μs, VDSpeak ≤ V(BR)DSS, VDD = 80% V(BR)DSS.
Table 2. Thermal data
Symbol
Parameter
Value
Unit
D2PAK
TO-220
TO-220FP
DPAK
IPAK
Rthj-case
Thermal resistance junction-case
2.78
6.25
2.78
°C/W
Rthj-amb
Thermal resistance junction-
ambient
62.5
100
°C/W
Rthj-pcb (1)
Thermal resistance junction-pcb
35
50
°C/W
1. When mounted on an 1-inch² FR-4, 2oz Cu board.
Table 3. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-
repetitive
(pulse width limited by Tj Max)
2.4
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
150
mJ
STB3NK60ZT4,STD3NK60Z-1,STD3NK60ZT4,STP3NK60Z,STP3NK60ZFP
Electrical ratings
DS2912 - Rev 6
page 2/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com