Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP3NK60Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP3NK60Z
Description  N-channel 600 V, 3.2 Ω typ., 2.4 A SuperMESH™ Power MOSFETs in D²PAK, IPAK, DPAK, TO-220 and TO-220FP packages
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP3NK60Z Datasheet(HTML) 1 Page - STMicroelectronics

  STP3NK60Z Datasheet HTML 1Page - STMicroelectronics STP3NK60Z Datasheet HTML 2Page - STMicroelectronics STP3NK60Z Datasheet HTML 3Page - STMicroelectronics STP3NK60Z Datasheet HTML 4Page - STMicroelectronics STP3NK60Z Datasheet HTML 5Page - STMicroelectronics STP3NK60Z Datasheet HTML 6Page - STMicroelectronics STP3NK60Z Datasheet HTML 7Page - STMicroelectronics STP3NK60Z Datasheet HTML 8Page - STMicroelectronics STP3NK60Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1
2
3
TO-220
TAB
1
2
3
TO-220FP
1
3
TAB
D2PAK
DPAK
1
3
2
TAB
TAB
1
2
3
IPAK
D(2, TAB)
G(1)
S(3)
AM01475V1
Features
Order codes
VDS
RDS(on) max.
ID
Package
STB3NK60ZT4
600 V
3.6 Ω
2.4 A
D2PAK
STD3NK60Z-1
IPAK
STD3NK60ZT4
DPAK
STP3NK60Z
TO-220
STP3NK60ZFP
TO-220FP
Extremely high dv/dt capability
100% avalanche tested
Gate charge minimized
Very low intrinsic capacitance
Zener-protected
Applications
Switching applications
Description
These high-voltage devices are Zener-protected N-channel Power MOSFETs
developed using the SuperMESH™ technology by STMicroelectronics, an
optimization of the well-established PowerMESH™. In addition to a significant
reduction in on-resistance, these devices are designed to ensure a high level of dv/dt
capability for the most demanding applications.
Product status link
STB3NK60ZT4
STD3NK60Z-1
STD3NK60ZT4
STP3NK60Z
STP3NK60ZFP
N-channel 600 V, 3.2 Ω typ., 2.4 A SuperMESH™ Power MOSFETs in
D²PAK, IPAK, DPAK, TO-220 and TO-220FP packages
STB3NK60ZT4, STD3NK60Z-1, STD3NK60ZT4
STP3NK60Z, STP3NK60ZFP
Datasheet
DS2912 - Rev 6 - August 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STP3NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP3NK60Z STMICROELECTRONICS-STP3NK60Z Datasheet
755Kb / 15P
N-CHANNEL 600V - 3.3ohm - 2.4A TO-220/FP/D2PAK/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Jul-2003
logo
VBsemi Electronics Co.,...
STP3NK60Z VBSEMI-STP3NK60Z Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
logo
STMicroelectronics
STP3NK60ZFP STMICROELECTRONICS-STP3NK60ZFP Datasheet
755Kb / 15P
N-CHANNEL 600V - 3.3ohm - 2.4A TO-220/FP/D2PAK/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Jul-2003
logo
VBsemi Electronics Co.,...
STP3NK60ZFP VBSEMI-STP3NK60ZFP Datasheet
1Mb / 9P
Power MOSFET
More results

Similar Description - STP3NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2N80K5 STMICROELECTRONICS-STD2N80K5 Datasheet
1Mb / 23P
N-channel 800 V, 3.5 Ω typ., 2 A Zener-protected SuperMESH™ 5 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
February 2014 Rev 2
STD2N95K5 STMICROELECTRONICS-STD2N95K5 Datasheet
1Mb / 23P
N-channel 950 V, 4.2 Ω typ., 2 A Zener-protected SuperMESH™5 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
25-Sep-2013
STD4N80K5 STMICROELECTRONICS-STD4N80K5 Datasheet
1Mb / 23P
N-channel 800 V, 2.1 ??typ., 3 A MDmesh™K5 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
04-Feb-2015
STD10P6F6 STMICROELECTRONICS-STD10P6F6_V01 Datasheet
1Mb / 24P
P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
27-Jul-2015
STB5NK50Z-1 STMICROELECTRONICS-STB5NK50Z-1_V01 Datasheet
674Kb / 29P
N-channel 500 V, 1.22 Ω typ., 4.4 A SuperMESH™ Power MOSFETs in I2PAK, DPAK, TO‑220, TO‑220FP and IPAK packages
18-Sep-2018
STB4NK60Z-1 STMICROELECTRONICS-STB4NK60Z-1_V01 Datasheet
731Kb / 32P
N-channel 600 V, 1.7 Ω typ., 4 A SuperMESH™ Power MOSFETs in I2PAK, D2PAK, IPAK and DPAK packages
05-Apr-2018
STD3NK80Z-1 STMICROELECTRONICS-STD3NK80Z-1_V01 Datasheet
1Mb / 29P
N-channel 800 V, 3.8 Ω typ., 2.5 A SuperMESH™ Power MOSFETs in IPAK, DPAK, TO-220FP, TO-220 packages
06-Apr-2017
STD3NK90ZT4 STMICROELECTRONICS-STD3NK90ZT4_V01 Datasheet
563Kb / 24P
N-channel 900 V, 3.6 Ω typ., 3 A SuperMESH™ Power MOSFETs in DPAK, TO-220 and TO-220FP packages
20-Aug-2018
STD5NK60ZT4 STMICROELECTRONICS-STD5NK60ZT4 Datasheet
582Kb / 24P
N-channel 600 V, 1.2 Ω typ., 5 A SuperMESH™ Power MOSFET in DPAK, TO-220 and TO-220FP packages
22-Aug-2018
STD10P6F6-V01 STMICROELECTRONICS-STD10P6F6-V01 Datasheet
1Mb / 24P
P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
27-Jul-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com