Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP3NK90ZFP Datasheet(PDF) 10 Page - STMicroelectronics

Part # STP3NK90ZFP
Description  N-channel 900 V, 3.6 Ω typ., 3 A SuperMESH™ Power MOSFETs in DPAK, TO-220 and TO-220FP packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP3NK90ZFP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STP3NK90ZFP Datasheet HTML 6Page - STMicroelectronics STP3NK90ZFP Datasheet HTML 7Page - STMicroelectronics STP3NK90ZFP Datasheet HTML 8Page - STMicroelectronics STP3NK90ZFP Datasheet HTML 9Page - STMicroelectronics STP3NK90ZFP Datasheet HTML 10Page - STMicroelectronics STP3NK90ZFP Datasheet HTML 11Page - STMicroelectronics STP3NK90ZFP Datasheet HTML 12Page - STMicroelectronics STP3NK90ZFP Datasheet HTML 13Page - STMicroelectronics STP3NK90ZFP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
4.1
DPAK (TO-252) type A2 package information
Figure 21. DPAK (TO-252) type A2 package outline
0068772_type-A2_rev25
STD3NK90ZT4, STP3NK90Z, STP3NK90ZFP
DPAK (TO-252) type A2 package information
DS2980 - Rev 3
page 10/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com