Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SKY-MXM-R3000-6SDA Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SKY-MXM-R3000-6SDA
Description  MXM 3.1 Type B NVIDIA® Quadro® Embedded RTX3000 with DP 1.4a
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SKY-MXM-R3000-6SDA Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SKY-MXM-R3000-6SDA Datasheet HTML 1Page - Advantech Co., Ltd. SKY-MXM-R3000-6SDA Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Ordering Information
Part Number
GPU Memory
GPU Base/Boost Clock
RT
Cores
Tensor
Cores
FP32
Performance
Max Power
Consumption
Display
Connectors
Supported
Features
SKY-MXM-R3000-6SDA
6GB GDDR6
945 MHZ / 1380 MHZ
30
240
5.3 TFLOPS
80W
DP 1.4 * 4
Discrete Mode
SKY-MXM-R3000-6SHA
6GB GDDR6
945 MHZ / 1380 MHZ
30
240
5.3 TFLOPS
80W
DP 1.4 * 4
MS Hybrid Mode
Block Diagram
Dimensions
Unit: mm
SKY-MXM-RTX3000
NVIDIA
Quadro RTX3000
N19E-Q1-A1
80W
GDDR6 x32
memory down
6GB GDDR6 memory, 192-bit
+7V~20V
+5V
+3.3V
PCI Express X16
DP_A: Display Port
DP_B: Display Port
DP_C: Display Port
DP_D: Display Port
PCIe x16 Gen3
DP 1.4a
SPI
DP 1.4a
DP 1.4a
DP 1.4a
Power Management (PWR_EN, PWR_GOOD)
GDDR6 Channel B
GDDR6 Channel A
GDDR6 x32
memory down
GDDR6 x32
memory down
GDDR6 x32
memory down
GDDR6 Channel C
GDDR6 x32
memory down
GDDR6 x32
memory down
SPI - VBIOS
VBIOS
GDDR6
PWM
NVIDIA
Quadro RTX3000
P_+3.3V
P_+7V~20V
PCIe x16 Gen3
IFPA
IFPB
IFPC
IFPE
DP_A
DP_B
DP_C
DP_D
PCIe
IFPA
IFPB
IFPC
IFPE
I2CS
PM
SPI
P_+5V
3.00
3.05
1.20
Ø3.25
39.00
82.00
16.39
40.62
51.50
14.00
37.50
4.25
3.50
78.50
46.00
28.51
64.48



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com