Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HC4515 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC4515
Description  4-to-16 line decoder/demultiplexer with input latches; inverting
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4515 Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC4515 Datasheet HTML 1Page - NXP Semiconductors 74HC4515 Datasheet HTML 2Page - NXP Semiconductors 74HC4515 Datasheet HTML 3Page - NXP Semiconductors 74HC4515 Datasheet HTML 4Page - NXP Semiconductors 74HC4515 Datasheet HTML 5Page - NXP Semiconductors 74HC4515 Datasheet HTML 6Page - NXP Semiconductors 74HC4515 Datasheet HTML 7Page - NXP Semiconductors 74HC4515 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
September 1993
3
Philips Semiconductors
Product specification
4-to-16 line decoder/demultiplexer with
input latches; inverting
74HC/HCT4515
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1
LE
latch enable input (active HIGH)
2, 3, 21, 22
A0 to A3
address inputs
11, 9, 10, 8, 7, 6, 5, 4,18, 17, 20, 19, 14, 13, 16, 15 Q0 to Q15
multiplexer outputs (active LOW)
12
GND
ground (0 V)
23
E
enable input (active LOW)
24
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com