Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P5NK60Z Datasheet(PDF) 23 Page - STMicroelectronics

Part # P5NK60Z
Description  N-channel 600 V, 1.2 Ω typ., 5 A SuperMESH™ Power MOSFET in DPAK, TO-220 and TO-220FP packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P5NK60Z Datasheet(HTML) 23 Page - STMicroelectronics

Back Button P5NK60Z Datasheet HTML 16Page - STMicroelectronics P5NK60Z Datasheet HTML 17Page - STMicroelectronics P5NK60Z Datasheet HTML 18Page - STMicroelectronics P5NK60Z Datasheet HTML 19Page - STMicroelectronics P5NK60Z Datasheet HTML 20Page - STMicroelectronics P5NK60Z Datasheet HTML 21Page - STMicroelectronics P5NK60Z Datasheet HTML 22Page - STMicroelectronics P5NK60Z Datasheet HTML 23Page - STMicroelectronics P5NK60Z Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Contents
1
Electrical ratings ..................................................................2
2
Electrical characteristics...........................................................3
2.1
Electrical characteristics curves .................................................. 5
3
Test circuits .......................................................................8
4
Package information...............................................................9
4.1
DPAK (TO-252) type A2 package information ....................................... 9
4.2
DPAK (TO-252) type C2 package information ...................................... 11
4.3
DPAK (TO-252) packing information.............................................. 14
4.4
TO-220 type A package information .............................................. 16
4.5
TO-220FP package information ................................................. 18
5
Ordering information .............................................................21
Revision history .......................................................................22
STD5NK60ZT4, STP5NK60Z, STP5NK60ZFP
Contents
DS2857 - Rev 8
page 23/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com