Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RHFL4913ESY151 Datasheet(PDF) 20 Page - STMicroelectronics

Part # RHFL4913ESY151
Description  1.5 V rad-hard positive fixed voltage regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913ESY151 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button RHFL4913ESY151 Datasheet HTML 16Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 17Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 18Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 19Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 20Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 21Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 22Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 23Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Typical performance characteristics
RHFL4913XX15
20/32
DocID028784 Rev 1
Figure 35: Short-circuit current vs. RSH
Figure 36: Short-circuit current vs. RSH
(magnification)
Figure 37: Noise spectral density
Figure 38: Supply voltage rejection vs. frequency
Figure 39: Stability plan vs. (ESR, COUT)
Figure 40: Minimum COUT ESR for stability
GIPD040520151424M T
0
0.5
1
1.5
2
2.5
3
3.5
0
50
100
150
200
250
300
RSH [Kohm ]
V
IN=4V, CIN=1µF, COUT=1µF (tantalum)
GIPD040520151425M T
0
0.5
1
1.5
2
2.5
3
3.5
-5
5
15
25
35
45
55
65
RSH [Kohm ]
V
IN=4V, CIN=1µ F, COUT=1µ F (tan talum)
GIPD040520151421M T
0
10
20
30
40
50
60
70
80
90
100
1000
10000
100000
1000000
Frequency [Hz]
V
IN=from 3.5 to 4.5V, IOUT=5mA, CIN=COUT=1µF, T=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com