Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M74HC590M1R Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC590M1R
Description  8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC590M1R Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC590M1R Datasheet HTML 1Page - STMicroelectronics M74HC590M1R Datasheet HTML 2Page - STMicroelectronics M74HC590M1R Datasheet HTML 3Page - STMicroelectronics M74HC590M1R Datasheet HTML 4Page - STMicroelectronics M74HC590M1R Datasheet HTML 5Page - STMicroelectronics M74HC590M1R Datasheet HTML 6Page - STMicroelectronics M74HC590M1R Datasheet HTML 7Page - STMicroelectronics M74HC590M1R Datasheet HTML 8Page - STMicroelectronics M74HC590M1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
M74HC590
2/15
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X: Don’t Care
RCO = QA’·QB’·QC’·QD’·QE’·QF’·QG’·QH’ (QA’ to QH’ : INTERNAL OUTPUTS OF THE COUNTER)
LOGIC DIAGRAM
PIN No
SYMBOL
NAME AND FUNCTION
1, 2, 3, 4, 5,
6, 7, 15
QA to QH
Outputs
11
CCK
Counter Clock Input
12
CCKEN
Counter Clock Enable
Input
13
RCK
Register Clock Input
9RCO
Ripple Carry Output
14
G
Output Enable Input
10
CCLR
Counter Clear Input
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
INPUTS
OUTPUT
G
RCK
CCLR
CCKEN
CCK
H
X
X
X
X
Q OUTPUTS DISABLE
L
X
X
X
X
Q OUTPUTS ENABLE
X
X
X
X
COUNTER DATA IS STORED INTO REGISTER
X
X
X
X
REGISTER STAGE IS NOT CHANGED
X
X
L
X
X
COUNTER CLEAR
X
X
H
L
ADVANCE ONE COUNT
X
X
H
L
NO COUNT
X
X
H
H
X
NO COUNT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com