Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S12PWM8B8CV1 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # S12PWM8B8CV1
Description  MC9S12XDP512 Device User Guide
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S12PWM8B8CV1 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button S12PWM8B8CV1 Datasheet HTML 68Page - NXP Semiconductors S12PWM8B8CV1 Datasheet HTML 69Page - NXP Semiconductors S12PWM8B8CV1 Datasheet HTML 70Page - NXP Semiconductors S12PWM8B8CV1 Datasheet HTML 71Page - NXP Semiconductors S12PWM8B8CV1 Datasheet HTML 72Page - NXP Semiconductors S12PWM8B8CV1 Datasheet HTML 73Page - NXP Semiconductors S12PWM8B8CV1 Datasheet HTML 74Page - NXP Semiconductors S12PWM8B8CV1 Datasheet HTML 75Page - NXP Semiconductors S12PWM8B8CV1 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 152 page
background image
MC9S12XDP512 Device User Guide — 9S12XDP512DGV1/D V01.12
2.3 Detailed Signal Descriptions
2.3.1 EXTAL, XTAL — Oscillator Pins
EXTAL and XTAL are the crystal driver and external clock pins. On reset all the device clocks are derived
from the EXTAL input frequency. XTAL is the crystal output.
2.3.2 RESET — External Reset Pin
An active low bidirectional control signal, it acts as an input to initialize the MCU to a known start-up state,
and an output when an internal MCU function causes a reset.The RESET pin has an internal pullup device.
2.3.3 TEST — Test Pin
This input only pin is reserved for test. This pin has a pulldown device.
NOTE:
The TEST pin must be tied to VSS in all applications.
2.3.4 VREGEN — Voltage Regulator Enable Pin
This input only pin enables or disables the on-chip voltage regulator. The input has a pullup device.
PT[7:0]
IOC[7:0]
—
—
—
VDDX
PERT/
PPST
Disabled
Port T I/O, Timer channels
Pin Name
Funct. 1
Pin Name
Funct. 2
Pin Name
Funct. 3
Pin Name
Funct. 4
Pin Name
Funct. 5
Power
Supply
Internal Pull
Resistor
Description
CTRL
Reset
State
.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com