Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HC640PW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC640PW
Description  Octal bus transceiver; 3-state; inverting
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC640PW Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC640PW Datasheet HTML 1Page - NXP Semiconductors 74HC640PW Datasheet HTML 2Page - NXP Semiconductors 74HC640PW Datasheet HTML 3Page - NXP Semiconductors 74HC640PW Datasheet HTML 4Page - NXP Semiconductors 74HC640PW Datasheet HTML 5Page - NXP Semiconductors 74HC640PW Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
March 1988
4
Philips Semiconductors
Product specification
Octal bus transceiver; 3-state; inverting
74HC/HCT640
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: bus driver
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL =50pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max. min. max. min.
max.
tPHL/ tPLH
propagation delay
An to Bn;
Bn to An
30
11
9
90
18
15
115
23
20
135
27
23
ns
2.0
4.5
6.0
Fig.5
tPZH/ tPZL
3-state output enable time
OE, DIR to An;
OE, DIR to Bn
44
16
13
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.6
tPHZ/ tPLZ
3-state output disable time
OE, DIR to An;
OE, DIR to Bn
50
18
14
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.6
tTHL/ tTLH
output transition time
14
5
4
60
12
10
75
15
13
90
18
15
ns
2.0
4.5
6.0
Fig.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com