Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DC0802012U2B Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # DC0802012U2B
Description  DC FANS FAN AXIAL 38X20MM 12VDC WIRE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DC0802012U2B Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button DC0802012U2B Datasheet HTML 13Page - List of Unclassifed Manufacturers DC0802012U2B Datasheet HTML 14Page - List of Unclassifed Manufacturers DC0802012U2B Datasheet HTML 15Page - List of Unclassifed Manufacturers DC0802012U2B Datasheet HTML 16Page - List of Unclassifed Manufacturers DC0802012U2B Datasheet HTML 17Page - List of Unclassifed Manufacturers DC0802012U2B Datasheet HTML 18Page - List of Unclassifed Manufacturers DC0802012U2B Datasheet HTML 19Page - List of Unclassifed Manufacturers DC0802012U2B Datasheet HTML 20Page - List of Unclassifed Manufacturers DC0802012U2B Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
Wakefield-Vette
Revision A.3
DC FANS
•
MOTOR : DC single phase brushless motor
•
FRAME : PBT (94V-0) ; IMPELLER : PBT(94V-0)
•
OPERATING TEMP.: -10°C~70°C
•
STORAGE TEMP.: -40°C~70°C
•
WEIGHT : 20g
•
Dual Ball Bearing
•
Lead Length: 300mm +/- 10mm
•
2 Wire: Standard
•
3 Wire: Tach (FG) Optional
•
4 Wire: PWM Optional
Page 17
40x40x15mm
See page 6 for termination configurations and typical ordering configurations
Description
Size
(mm)
Thickness
(mm)
Rated Voltage
(VDC)
Rated
Current (A)
Rated
Power (W)
Rated Speed
(RPM)
Speed
Code
Max Airflow
(CFM)
Max Pressure
(InAq)
Noise Level
(dB/A)
Tach PWM
DC0401512H2B
40
15
12
0.16
1.92
8600
H
10.45
0.38
36
3
B
DC0401512L2B
40
15
12
0.08
0.96
6000
L
6.71
0.20
28
3
B
DC0401512M2B
40
15
12
0.12
1.44
7300
M
8.25
0.29
32
3
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com