Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P-RJE3B-188-0XX2 Datasheet(PDF) 2 Page - Amphenol Communications Solutions

Part # P-RJE3B-188-0XX2
Description  MODULAR JACK, SINGLE PORT, 8P8C, UNSHIELDED, TAB UP, W/ LED, WITH POSITION PEG, CAT 6, RoHS COMPLIANT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

P-RJE3B-188-0XX2 Datasheet(HTML) 2 Page - Amphenol Communications Solutions

  P-RJE3B-188-0XX2 Datasheet HTML 1Page - Amphenol Communications Solutions P-RJE3B-188-0XX2 Datasheet HTML 2Page - Amphenol Communications Solutions P-RJE3B-188-0XX2 Datasheet HTML 3Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AUG16/22
A.GREEN
AUG16/22
L.CHAN
AUG16/22
JAMISON.C
SINGLE COLOR LED
(E.G.
BIC GR/YE)
A2(+)
A1(-)
A4(+)
A3(-)
YELLOW
(+)
(-)
GREEN
BI-COLORED LED
LED 1
RIGHT
LED 2
LEFT
LED SPECIFICATIONS:
FORWARD VOLTAGE: 1.6 VOLTS TYP.
REVERSE VOLTAGE: 5.0 VOLTS MAX.
LUMINOUS INTENSITY: 0.4 mCd MIN.
(AT IF=2mA)
PLATING ON TAILS: TIN OR TIN/COPPER ALLOY OVER SILVER
LEGEND
BiC=BI-COLOR LED
LOWC=LOW CURRENT LED
YE=YELLOW
GR=GREEN
RE=RED
OR=ORANGE
PRIMARY COLOR FOR BI-COLOR LEDS IN STANDARD ANODE/CATHODE CONFIGURATION IS:
RED-GREEN= RED
RED-YELLOW= RED
GREEN-YELLOW= GREEN
GREEN-ORANGE= GREEN
NOTE:
THE TWO DIGITS PRECEDING THE ADDITIONAL LED CODE MUST BE
USED IN THE PART NUMBER, WHEN ORDERING ANY OF THE ADDITIONAL LED OPTIONS.
CODE
LED 2 (LEFT)
LED 1 (RIGHT)
CODE
LED 2 (LEFT)
LED 1 (RIGHT)
CODE
LED 2 (LEFT)
LED 1 (RIGHT)
0
BLOCKED
BLOCKED
9
GREEN
BLOCKED
J
BiC RD/GR
YELLOW
1
YELLOW
GREEN
A
BiC GR/YE
BiC GR/YE
K
YELLOW
BiC GR/OR
2
BLOCKED
GREEN
B
BiC RD/GR
BiC RD/GR
L
BiC GR/YE
RED
3
YELLOW
BLOCKED
C
BiC RD/GR
BiC GR/YE
M
RED
YELLOW
4
GREEN
YELLOW
D
GREEN
BiC GR/YE
N
BiC GR/RD
BiC GR/YE
5
GREEN
GREEN
E
YELLOW
BiC GR/YE
P
GREEN
BiC GR/RD
6
YELLOW
YELLOW
F
BiC GR/YE
YELLOW
R
BiC GR/OR
GREEN
7
RED
GREEN
G
BiC GR/OR
BiC GR/OR
T
RED
RED
8
GREEN
RED
H
BiC GR/YE
GREEN
V
BiC RD/GR
GREEN
W
ADDITIONAL OPTIONS
EXAMPLE OF ADDITIONAL LED OPTIONS:
RJE3B-188-04W2-0X
ADDITIONAL LED COLOR CODE
ONLY USED FOR "W" OPTIONS USED IN FIRST LED CODE
DENOTES ADDITIONAL OPTIONS TO BE USED
CODE
LED 2 (LEFT)
LED 1 (RIGHT)
CODE
LED 2 (LEFT)
LED 1 (RIGHT)
CODE
LED 2 (LEFT)
LED 1 (RIGHT)
0
DO NOT USE
5
BLOCKED
YELLOW
A
LOWC YE
LOWC YE
1
RED
BLOCKED
6
RED
BiC RD/GR
B
LOWC YE
LOWC GR
2
BiC GR/OR
YELLOW
7
BLOCKED
BiC RD/GR
C
LOWC GR
LOWC YE
3
YELLOW
RED
8
BiC RD/GR
BLOCKED
D
LOWC GR
LOWC GR
4
BLOCKED
RED
9
BiC GR/YE
BLOCKED
M
LOWC RD
LOWC YE
E
GREEN
ORANGE
F
ORANGE
GREEN
G
BiC OR/GR
BiC OR/GR
H
BiC GR/OR
ORANGE
LED SCHEMATIC
3 DECIMAL PLACES
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
A
B
C
D
E
F
G
H
2
1
2
1
INCHES
0.13
3
A
SCALE:
REV
DWG.
NO.
6
OF
Commercial Products
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
REVISIONS
Amphenol Canada Corp.
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-RJE3B-188-0XX2
A
INITIAL RELEASE
AUG16/22
K.T
DWG SIZE:
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
2
DRAWING
03554
FIT
N/A
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
ENG. REL. NO.
REF.
SCALE
DO NOT
PROJECTION
MILLIMETERS
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
ANGLE
UNLESS SPECIFIED OTHERWISE
0.25
THIRD
GENERAL TOLERANCES
SHEET
1
ANGULAR DEGREES
1 DECIMAL PLACE
2 DECIMAL PLACES
MODULAR JACK, SINGLE PORT, 8P8C,
UNSHIELDED, TAB UP, W/ LED, WITH
POSITION PEG, CAT 6, RoHS COMPLIANT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com