Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TDP
Description  Molded, Dual-In-Line Thin Film Resistor, Through-Hole Network
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDP Datasheet(HTML) 1 Page - Vishay Siliconix

  TDP Datasheet HTML 1Page - Vishay Siliconix TDP Datasheet HTML 2Page - Vishay Siliconix TDP Datasheet HTML 3Page - Vishay Siliconix TDP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TDP
www.vishay.com
Vishay Dale Thin Film
Revision: 07-Apr-2021
1
Document Number: 60045
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Molded, Dual-In-Line Thin Film Resistor, Through-Hole Network
Vishay Dale Thin Film offers two standard circuits in a
14 pins and 16 pins molded dual-in-line over a 100
Ω to
100 k
Ω resistance range. The networks feature ratio
tolerance to 0.05 % with a TCR tracking of 5 ppm/°C.
FEATURES
• Standard rugged, molded case construction
(14 pins and 16 pins)
• Highly stable thin film
(500 ppm at +70 °C at 2000 h)
• Low temperature coefficient (± 25 ppm/°C)
• Compatible with automatic insertion equipment
• Standard isolated pin one common schematic
• Isolated and bussed schematics
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
TYPICAL PERFORMANCE
SCHEMATIC
Actual Size
ABSOLUTE
TRACKING
TCR
25
5
ABSOLUTE
RATIO
TOL.
0.1
0.05
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Passivated nichrome
-
Pin/Lead Number
14, 16
-
Resistance Range
100
Ω to 100 kΩ
-
TCR: Absolute
± 25 ppm/°C
-55 °C to +125 °C
TCR: Tracking
± 5 ppm/°C
-55 °C to +125 °C
Tolerance: Absolute
± 0.1 %
+25 °C
Tolerance: Ratio
± 0.05 % to ± 0.5 %
+25 °C
Power Rating: Resistor
0.05 W/resistor = 01 circuit
at +25 °C
0.10 W/resistor = 03 circuit
Power Rating: Package
0.8 W/package
Maximum at +70 °C
Stability: Absolute
ΔR ± 0.05 %
2000 h at +70 °C
Stability: Ratio
ΔR ± 0.015 %
2000 h at +70 °C
Voltage Coefficient
< 1 ppm/V (typical)
-
Working Voltage
100 V
-
Operating Temperature Range
-55 °C to +125 °C
-
Storage Temperature Range
-55 °C to +150 °C
-
Noise
< -30 dB
-
Thermal EMF
0.08 μV/°C
-
Shelf Life Stability: Absolute
ΔR ± 0.01 %
1 year at +25 °C
Shelf Life Stability: Ratio
ΔR ± 0.002 %
1 year at +25 °C
Schematic TDP01
Models: TDP1401 and TDP1601
13 or 15 resistors with one pin common
Models: TDP1403 and TDP1603
7 or 8 isolated resistors
TDP-1403
TDP-1603
Pin 1
TDP-1401
TDP-1601
Pin 1
Schematic TDP03


Similar Part No. - TDP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDP VISHAY-TDP Datasheet
260Kb / 4P
Molded, Dual-In-Line Resistor Networks
16-May-07
logo
C&K Components
TDP CK-COMPONENTS-TDP Datasheet
195Kb / 3P
Half-pitch Side-Actuated DIP Switches
logo
Delta Electronics, Inc.
TDP DELTA-TDP Datasheet
684Kb / 1P
HIGH PERFORMANCE 3-PHASE 3-WIRE PLASTIC CASE FILTERS
logo
C&K Components
TDP CK-COMPONENTS-TDP Datasheet
326Kb / 3P
Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
logo
Automatic Timing & Cont...
TDP ATC-TDP Datasheet
297Kb / 1P
Percentage Timer Relay Output
More results

Similar Description - TDP

ManufacturerPart #DatasheetDescription
logo
Bi technologies
694 BITECH-694 Datasheet
101Kb / 5P
Dual In-Line Precision Thin Film Resistor Networks
logo
Vishay Siliconix
VSOR1603-103JT VISHAY-VSOR1603-103JT Datasheet
113Kb / 4P
Molded, 25 mil or 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
08-Jan-12
ORNA2001AUF VISHAY-ORNA2001AUF Datasheet
96Kb / 3P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
02-Sep-11
HTRN4-1T5 VISHAY-HTRN4-1T5 Datasheet
90Kb / 3P
Molded, 50 mil Pitch, High Temperature Thin Film Surface Mount, Dual-In-Line Resistor Network
12-Dec-11
CNS471 VISHAY-CNS471_17 Datasheet
91Kb / 3P
Decade Divider, Single-In-Line Through Hole Thin Film Resistor Networks (Standard)
28-Aug-13
ORN VISHAY-ORN_17 Datasheet
100Kb / 3P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor
02-Sep-11
OSOP VISHAY-OSOP_17 Datasheet
127Kb / 3P
Molded, 25 mil Pitch, Dual-In-Line Thin Film Resistor
03-Mar-17
NOMC VISHAY-NOMC_17 Datasheet
128Kb / 4P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Narrow Body, Surface Mount Network
25-Apr-17
100267 VISHAY-100267 Datasheet
70Kb / 3P
Decade Divider, Single In-Line, Thin Film Divider, Through Hole Resistor Network
15-Sep-2021
CNS471 VISHAY-CNS471_V01 Datasheet
84Kb / 3P
Decade Divider, Single-In-Line Through Hole Thin Film Resistor Networks (Standard)
02-Mar-18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com