Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25PE80-VMP6G Datasheet(PDF) 31 Page - STMicroelectronics

Part # M25PE80-VMP6G
Description  8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE80-VMP6G Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M25PE80-VMP6G Datasheet HTML 27Page - STMicroelectronics M25PE80-VMP6G Datasheet HTML 28Page - STMicroelectronics M25PE80-VMP6G Datasheet HTML 29Page - STMicroelectronics M25PE80-VMP6G Datasheet HTML 30Page - STMicroelectronics M25PE80-VMP6G Datasheet HTML 31Page - STMicroelectronics M25PE80-VMP6G Datasheet HTML 32Page - STMicroelectronics M25PE80-VMP6G Datasheet HTML 33Page - STMicroelectronics M25PE80-VMP6G Datasheet HTML 34Page - STMicroelectronics M25PE80-VMP6G Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 61 page
background image
M25PE80
Instructions
31/61
Figure 14.
Read Lock Register (RDLR) instruction sequence and data-out Sequence
Table 11.
Not for new design: Lock Registers for the M25PE80 in T7Y process
(see Important note on page 6)
Bit
Bit Name
Value
Function
b7-b4
Reserved
b3
Subsector Lock
Down(1)
1.
Valid only for sector 0 and sector 15 (the value ‘0’ is returned for other sectors).
‘1’
This functionality must not be used for new designs, as the
M25PE80 delivered from Feb 2007 will not offer this functionality.
The Write Lock and Lock Down Bits cannot be changed. Once a
‘1’ is written to the Lock Down Bit it cannot be cleared to ‘0’ except
by a Reset or power-up.
‘0’
This functionality must not be used for new designs, as the
M25PE80 delivered from Feb 2007 will not offer this functionality.
The Write Lock and Lock Down Bits can be changed by writing
new values to them. (Default value).
b2
Subsector Write
Lock(1)
‘1’
This functionality must not be used for new designs, as the
M25PE80 delivered from Feb 2007 will not offer this functionality.
Write, Program and Erase operations in this subsector will not be
executed. The memory contents will not be changed.
‘0’
This functionality must not be used for new designs, as the
M25PE80 delivered from Feb 2007 will not offer this functionality.
Write, Program and Erase operations in this subsector are
executed and will modify the subsector contents. (Default value).
b1
Sector Lock
Down
‘1’
The Write Lock and Lock Down Bits cannot be changed. Once a
‘1’ is written to the Lock Down Bit it cannot be cleared to ‘0’,
except by a Reset or power-up.
‘0’
The Write Lock and Lock Down Bits can be changed by writing
new values to them. (Default value).
b0
Sector Write
Lock
‘1’
Write, Program and Erase operations in this sector will not be
executed. The memory contents will not be changed.
‘0’
Write, Program and Erase operations in this sector are executed
and will modify the sector contents. (Default value).
C
D
AI10783
S
Q
23
2
1
3456789 10
28 29 30 31 32 33 34 35
22 21
3210
36 37 38
76543
1
0
High Impedance
Lock Register Out
Instruction
24-Bit Address
0
MSB
MSB
2
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com