Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F474L Datasheet(PDF) 39 Page - fujitsu semiconductor

Part # MB90F474L
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474L Datasheet(HTML) 39 Page - fujitsu semiconductor

Back Button MB90F474L Datasheet HTML 35Page - fujitsu semiconductor MB90F474L Datasheet HTML 36Page - fujitsu semiconductor MB90F474L Datasheet HTML 37Page - fujitsu semiconductor MB90F474L Datasheet HTML 38Page - fujitsu semiconductor MB90F474L Datasheet HTML 39Page - fujitsu semiconductor MB90F474L Datasheet HTML 40Page - fujitsu semiconductor MB90F474L Datasheet HTML 41Page - fujitsu semiconductor MB90F474L Datasheet HTML 42Page - fujitsu semiconductor MB90F474L Datasheet HTML 43Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 118 page
background image
MB90470 Series
39
4.
8/10-bit A/D Converter
The A/D converter converts analog input voltages into digital values, and provides the following features :
• Conversion time : minimum 4.9
µs per channel
(at 98 machine cycles/machine clock 20 MHz, including sampling time)
• Sampling time : minimum 3.0
µs per channel
(at 60 machine cycles/machine clock 20 MHz)
• Uses RC sequential comparison conversion with sample & hold circuit.
• Selection of 8- or 10-bit resolution
• Analog input from 8 channels, by program selection
Single conversion mode : Convert 1 selected channel
Scan conversion mode : Convert multiple consecutive channels. Select up to 8 channels by program selection.
Continuous conversion mode : Convert specified channel continuously.
Stop conversion mode : Convert one channel, pause and stand by until the next start. (Simultaneous conversion
start available.)
• At the end of A/D conversion, an A/D conversion end interrupt request can be sent to the CPU. This interrupt
request can start the
µDMA and transfer the conversion data to memory, making it ideal for continuous
processing.
• Start sources include selection of software, external trigger (falling edge) , or timer (rising edge) .
(1) Register List
ADCS2, ADCS1 (Control status registers)
ADCR2, ADCR1 (Data registers)
ADCS1
Address : 000046H
←Default value
←Bit attributes
ADCS2
bit
Address : 000047H
←Default value
←Bit attributes
ADCR1
bit
Address : 000048H
←Default value
←Bit attributes
ADCR2
bit
Address : 000049H
←Default value
←Bit attributes
0
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
R/W
76
5
4
3
2
1
0
MD0
0
R/W
MD1
ANS2
ANS1
ANS0
ANE2
ANE1
ANE0
0
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
W
0
R/W
15
14
13
12
11
10
9
8
INT
0
R/W
BUSY
INTE
PAUS
STS1
STS0
STRT
Reserved
X
R
X
R
X
R
X
R
X
R
X
R
X
R
76
5
4
3
2
1
0
D6
X
R
D7
D5
D4
D3
D2
D1
D0
0
W
0
W
0
W
0
W
X
R
X
R
X
R
15
14
13
12
11
10
9
8
ST1
0
R/W
S10
ST0
CT1
CT0
D9
D8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com