| Electronic Components Datasheet Search |
|
NT73CS6DC3VF Datasheet(PDF) 2 Page - DB Lectro Inc |
|
|
|||||||||||||||||||||||||||||
NT73CS6DC3VF Datasheet(HTML) 2 Page - DB Lectro Inc |
|
2 / 2 page ![]() Operation condition Insulation Resistance 250M min (at 500VDC) Item 7 of IEC255-5 Dielectric Strength Between contacts Between contact and coil 50Hz 750V 50Hz 1500V Item 6 of IEC255-5 Item 6 of IEC255-5 Shock resistance 100m/s 2 11ms IEC68-2-27 Test Ea Vibration resistance 10~55Hz double amplitude 1.5mm IEC68-2-6 Test Fc Terminals strength 5N IEC68-2-21 Test Ua1 Solderability 235 x2 3 x0.5s IEC68-2-20 Test Ta method 1 Ambient Temperature -55~85 Relative Humidity 93% (at 40 ) IEC68-2-3Test Ca Mass 10.5g Qualification inspection: Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24. Safety approvals Safety approval UL&CUR CCEE Load 10A/250VAC 28VDC 6A/277VAC Insulation B-class F-class 5A/250VAC Dimensions (Unit: mm) Reference Data NOTES 1).Dimensions are in millimeter. 2).Inch equivalents are given for general information only. NT73(JQC-3FC) Dimensions Wiring diagram (Bottom views) mm >àçÇá 0.3 0.012 0.4 0.016 0.5 0.020 1.0 0.039 1.3 0.051 1.4 0.055 2.0 0.079 3.5 0.138 6 0.236 12 0.472 12.2 0.480 16.5 0.650 19.5 0.768 Mounting (Bottom views) www.delectro.com |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |