| Electronic Components Datasheet Search |
|
MSP430F147IPM Datasheet(PDF) 25 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F147IPM Datasheet(HTML) 25 Page - Texas Instruments |
|
25 / 59 page ![]() MSP430x13x, MSP430x14x, MSP430x14x1 MIXED SIGNAL MICROCONTROLLER SLAS272F − JULY 2000 − REVISED JUNE 2004 25 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature (unless otherwise noted) supply current into AVCC + DVCC excluding external current PARAMETER TEST CONDITIONS MIN NOM MAX UNIT I(AM) Active mode, (see Note 1) f(MCLK) = f(SMCLK) = 1 MHz, TA = −40°C to 85°C VCC = 2.2 V 280 350 A I(AM) f(MCLK) = f(SMCLK) = 1 MHz, f(ACLK) = 32,768 Hz XTS=0, SELM=(0,1) TA = −40°C to 85°C VCC = 3 V 420 560 µA I(AM) Active mode, (see Note 1) f(MCLK) = f(SMCLK) = 4 096 Hz, f(ACLK) = 4,096 Hz TA = −40°C to 85°C VCC = 2.2 V 2.5 7 A I(AM) (MCLK) (SMCLK) f(ACLK) = 4,096 Hz XTS=0, SELM=(0,1) XTS=0, SELM=3 TA = −40°C to 85°C VCC = 3 V 9 20 µA I(LPM0) Low-power mode, (LPM0) TA = −40°C to 85°C VCC = 2.2 V 32 45 A I(LPM0) Low-power mode, (LPM0) (see Note 1) TA = −40°C to 85°C VCC = 3 V 55 70 µA I(LPM2) Low-power mode, (LPM2), f(MCLK) = f (SMCLK) = 0 MHz, TA = −40°C to 85°C VCC = 2.2 V 11 14 A I(LPM2) f(MCLK) = f (SMCLK) = 0 MHz, f(ACLK) = 32.768 Hz, SCG0 = 0 TA = −40°C to 85°C VCC = 3 V 17 22 µA TA = −40°C 0.8 1.5 Low-power mode, (LPM3) TA = 25°C VCC = 2.2 V 0.9 1.5 µA I(LPM3) Low-power mode, (LPM3) f(MCLK) = f(SMCLK) = 0 MHz, TA = 85°C VCC = 2.2 V 1.6 2.8 µA I(LPM3) f(MCLK) = f(SMCLK) = 0 MHz, f(ACLK) = 32,768 Hz, SCG0 = 1 (see Note 2) TA = −40°C 1.8 2.2 f(ACLK) = 32,768 Hz, SCG0 = 1 (see Note 2) TA = 25°C VCC = 3 V 1.6 1.9 µA TA = 85°C VCC = 3 V 2.3 3.9 µA TA = −40°C 0.1 0.5 Low-power mode, (LPM4) TA = 25°C VCC = 2.2 V 0.1 0.5 µA I(LPM4) Low-power mode, (LPM4) f(MCLK) = 0 MHz, f(SMCLK) = 0 MHz, TA = 85°C VCC = 2.2 V 0.8 2.5 µA I(LPM4) f(MCLK) = 0 MHz, f(SMCLK) = 0 MHz, f(ACLK) = 0 Hz, SCG0 = 1 TA = −40°C 0.1 0.5 f(ACLK) = 0 Hz, SCG0 = 1 TA = 25°C VCC = 3 V 0.1 0.5 µA TA = 85°C VCC = 3 V 0.8 2.5 µA NOTES: 1. Timer_B is clocked by f(DCOCLK) = 1 MHz. All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current. 2. Timer_B is clocked by f(ACLK) = 32,768 Hz. All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current. The current consumption in LPM2 and LPM3 are measured with ACLK selected. Current consumption of active mode versus system frequency, F-version I(AM) = I(AM) [1 MHz] × f(System) [MHz] Current consumption of active mode versus supply voltage, F-version I(AM) = I(AM) [3 V] + 175 µA/V × (VCC – 3 V) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |