Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6CG33802C Datasheet(PDF) 13 Page - Diodes Incorporated

Part # PI6CG33802C
Description  3.3V Very Low Power 8-Output PCIe Clock Generator With On-Chip Termination
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CG33802C Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button PI6CG33802C Datasheet HTML 9Page - Diodes Incorporated PI6CG33802C Datasheet HTML 10Page - Diodes Incorporated PI6CG33802C Datasheet HTML 11Page - Diodes Incorporated PI6CG33802C Datasheet HTML 12Page - Diodes Incorporated PI6CG33802C Datasheet HTML 13Page - Diodes Incorporated PI6CG33802C Datasheet HTML 14Page - Diodes Incorporated PI6CG33802C Datasheet HTML 15Page - Diodes Incorporated PI6CG33802C Datasheet HTML 16Page - Diodes Incorporated PI6CG33802C Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
A product Line of
Diodes Incorporated
PI6CG33802C
www.diodes.com
January 2020
Diodes Incorporated
PI6CG33802C
Document Number DS42298 Rev 3-2
Byte 1: SS Spread Spectrum and Control Register
Bit
Control Function Description
Type
Power-up
Condition 0
1
7
SSENRB1
SS Enable Readback Bit1
R
Latch
'00' for SS_SEL_TRI = '0',
'10' for SS_SEL_TRI = 'M'
'11' for SS_SEL_TRI = '1'
6
SSENRB0
SS Enable Readback Bit0
R
Latch
5
SSEN_SWCTR
Enable SW control of SS
RW
0
Values in
B1[7:6] control
SS amount
Values in
B1[4:3] control
SS amount
4
SSENSW1
SS enable SW control Bit1
RW(1)
0
'00' = SS off, '01' = -0.25% SS,
'10' = SS off, '11' = -0.5% SS
3
SSENSW0
SS enable SW control Bit0
RW(1)
0
2
Reserved
—
—
1
—
—
1
Amplitude1
Control output amplitude
RW
1
'00' = 0.6V, '01' = 0.68V, '10' =
0.75V, '11' = 0.85V
0
Amplitude0
RW
0
Note:
1. Spread must be selected OFF or ON with the hardware latch pin. These bits should not be used to turn spread ON or OFF after power up. These bits can be used to
change the spread amount, and B1[5] must be set to a 1 for these bits to have any effect on the part. If these bits are used to turn spread OFF or ON, the system must reset.
Byte 2: Differential Output Slew Rate Control Register
Bit
Control Function Description
Type
Power-up
Condition 0
1
7
SLEWRATECTR_Q7 Control slew rate of Q7
RW
1
Slow setting
Fast setting
6
SLEWRATECTR_Q6 Control slew rate of Q6
RW
1
Slow setting
Fast setting
5
SLEWRATECTR_Q5 Control slew rate of Q5
RW
1
Slow setting
Fast setting
4
SLEWRATECTR_Q4 Control slew rate of Q4
RW
1
Slow setting
Fast setting
3
SLEWRATECTR_Q3 Control slew rate of Q3
RW
1
Slow setting
Fast setting
2
SLEWRATECTR_Q2 Control slew rate of Q2
RW
1
Slow setting
Fast setting
1
SLEWRATECTR_Q1
Control slew rate of Q1
RW
1
Slow setting
Fast setting
0
SLEWRATECTR_Q0 Control slew rate of Q0
RW
1
Slow setting
Fast setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com