Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

932A1B104F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 932A1B104F
Description  METALLIZED POLYPROPYLENE CAPACITORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

932A1B104F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  932A1B104F Datasheet HTML 1Page - List of Unclassifed Manufacturers 932A1B104F Datasheet HTML 2Page - List of Unclassifed Manufacturers 932A1B104F Datasheet HTML 3Page - List of Unclassifed Manufacturers 932A1B104F Datasheet HTML 4Page - List of Unclassifed Manufacturers 932A1B104F Datasheet HTML 5Page - List of Unclassifed Manufacturers 932A1B104F Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
METALLIZED POLYPROPYLENE CAPACITORS
935 SERIES
This capacitor series was designed for
AC and pulsing applications. The units
are rated for 135 VRMS and 67 VRMS
(to 400 Hz), but may also be used for all
DC applications up to 200 VDC and
400 VDC respectively.
A wide range of sizes and styles is
available. You can choose from axial-
lead wrap and fill in oval and round
configurations or rectangular epoxy
case with axial and radial leads.
Two types of dielectric material are
used: metallized polypropylene and
polypropylene and foil. Metallized
versions are offered in all styles.
Polypropylene and foil capacitors may
also be specified in all standard styles.
All capacitors feature extended foil
construction and standard tin-coated
copper-clad steel leads. Nickel, copper,
dumet and other special leads are available.
Protective clear wrap is offered on all
wrap and fill units.
The potting material and endfills
of Electrocube’s capacitors meet or
exceed the flammability requirements
of UL94VO.
Dimensional variations for all MFD
values are available with the same volume
to meet your design requirements.
SPECIFICATIONS
TYPICAL DIELECTRIC CHARACTERISTIC CURVES
Temperature: -55°C to +85°C at rated voltage; to +105°C
with 50% voltage derating.
Dielectric Voltage Test: Will withstand the application of 150 VDC,
300 VDC and 600 VDC on 67 VAC, 135 VAC and 270 VAC respectively
at 25°C for a period not to exceed 1 minute; current limited to 5 mA.
DC Life Tests*: Will withstand the application of 138 VDC, 280 VDC
and 560 VDC, respectively, on the 67 VRMS, 135 VRMS and 270
VRMS parts at 105°C for 250 hrs., with not more than 1 failure in
in 12 permitted, current limited to 5 mA.
Dissipation Factor: Shall not exceed 0.1% at 25°C for values
to 1 mfd; 0.2% for values over 1 mfd.
Dielectric Absorption: Shall not exceed 0.1% at 25°C per
MIL-C-19978.
Acceptance Criteria: Measurement frequency for capacitance
and dissipation factor shall be 1000 Hz for values up to 1 mfd
and 120 Hz for values of 1.0 mfd and up.
Insulation Resistance: At DC voltages of 100 VDC (67 VAC),
200 VDC (135 VAC), 400 VDC (270 VAC), 1000 VDC (660 VAC),
units shall meet the minimum values below:
NOTES:
For information regarding insulating sleeves, mountings, special terminals,
non-standard leads, circuit connections and other hardware, please
consult factory.
For styles and ratings not shown, or for unusual requirements necessitated
by special circuit applications (including higher IR or lower DF), consult
the factory direct.
All Electrocube film capacitors have endfills and tape that
meet or exceed the flammability requirements of UL94V0.
*For DC life test criteria,
consult the factory.
3366 Pomona Blvd. • Pomona, CA 91768 • TEL: (909) 595-4037 • FAX: (909) 595-0186
e-mail: esales@electrocube.com • Internet: www.electrocube.com • (IR: 9/99)
®


Similar Part No. - 932A1B104F

ManufacturerPart #DatasheetDescription
logo
Thermtrol Corporation
932A-100 THERMTROL-932A-100 Datasheet
305Kb / 2P
SURFACE MOUNT FILM PET HIGH CV
932A-100/102TR1206A THERMTROL-932A-100/102TR1206A Datasheet
305Kb / 2P
SURFACE MOUNT FILM PET HIGH CV
932A-100/102TR1210A THERMTROL-932A-100/102TR1210A Datasheet
305Kb / 2P
SURFACE MOUNT FILM PET HIGH CV
932A-100/102TR1812A THERMTROL-932A-100/102TR1812A Datasheet
305Kb / 2P
SURFACE MOUNT FILM PET HIGH CV
932A-100/102TR2220A THERMTROL-932A-100/102TR2220A Datasheet
305Kb / 2P
SURFACE MOUNT FILM PET HIGH CV
More results

Similar Description - 932A1B104F

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1213DFR EFC-1213DFR Datasheet
14Kb / 1P
Metallized Polypropylene Capacitors
1213EC EFC-1213EC Datasheet
12Kb / 1P
Metallized Polypropylene Capacitors
1213EF EFC-1213EF Datasheet
12Kb / 1P
Metallized Polypropylene Capacitors
1213EFRA EFC-1213EFRA Datasheet
13Kb / 1P
Metallized Polypropylene Capacitors
1213EFRB EFC-1213EFRB Datasheet
14Kb / 1P
Metallized Polypropylene Capacitors
1213TC EFC-1213TC Datasheet
12Kb / 1P
Metallized Polypropylene Capacitors
1213TF EFC-1213TF Datasheet
12Kb / 1P
Metallized Polypropylene Capacitors
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
logo
TDK Electronics
B32692 TDK-B32692_16 Datasheet
508Kb / 45P
Metallized Polypropylene Capacitors
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com