| Electronic Components Datasheet Search |
|
M58WR032EB80ZB6T Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M58WR032EB80ZB6T Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 81 page ![]() M58WR032ET, M58WR032EB 14/81 COMMAND INTERFACE - STANDARD COMMANDS The following commands are the basic commands used to read, write to and configure the device. Refer to Table 5., Standard Commands, in con- junction with the following text descriptions. Read Array Command The Read Array command returns the addressed bank to Read Array mode. One Bus Write cycle is required to issue the Read Array command and re- turn the addressed bank to Read Array mode. Subsequent read operations will read the ad- dressed location and output the data. A Read Ar- ray command can be issued in one bank while programming or erasing in another bank. However if a Read Array command is issued to a bank cur- rently executing a program or erase operation the command will be executed but the output data is not guaranteed. Read Status Register Command The Status Register indicates when a Program or Erase operation is complete and the success or failure of operation itself. Issue a Read Status Register command to read the Status Register content. The Read Status Register command can be issued at any time, even during Program or Erase operations. The following read operations output the content of the Status Register of the addressed bank. The Status Register is latched on the falling edge of E or G signals, and can be read until E or G returns to VIH. Either E or G must be toggled to update the latched data. See Table 8. for the description of the Status Register Bits. This mode supports asynchronous or single synchronous reads only. Read Electronic Signature Command The Read Electronic Signature command reads the Manufacturer and Device Codes, the Block Locking Status, the Protection Register, and the Configuration Register. The Read Electronic Signature command consists of one write cycle to an address within one of the banks. A subsequent Read operation in the same bank will output the Manufacturer Code, the De- vice Code, the protection Status of the blocks in the targeted bank, the Protection Register, or the Configuration Register (see Table 6.). If a Read Electronic Signature command is issued in a bank that is executing a Program or Erase op- eration the bank will go into Read Electronic Sig- nature mode, subsequent Bus Read cycles will output the Electronic Signature data and the Pro- gram/Erase controller will continue to program or erase in the background. This mode supports asynchronous or single synchronous reads only, it does not support page mode or synchronous burst reads. Read CFI Query Command The Read CFI Query command is used to read data from the Common Flash Interface (CFI). The Read CFI Query Command consists of one Bus Write cycle, to an address within one of the banks. Once the command is issued subsequent Bus Read operations in the same bank read from the Common Flash Interface. If a Read CFI Query command is issued in a bank that is executing a Program or Erase operation the bank will go into Read CFI Query mode, subse- quent Bus Read cycles will output the CFI data and the Program/Erase controller will continue to program or erase in the background. This mode supports asynchronous or single synchronous reads only, it does not support page mode or syn- chronous burst reads. The status of the other banks is not affected by the command (see Table 11.). After issuing a Read CFI Query command, a Read Array command should be issued to the addressed bank to return the bank to Read Array mode. See APPENDIX B., COMMON FLASH INTER- FACE, Tables 30, 31, 32, 33, 34, 35, 36, 37, 38 and 39 for details on the information contained in the Common Flash Interface memory area. Clear Status Register Command The Clear Status Register command can be used to reset (set to ‘0’) error bits SR1, SR3, SR4 and SR5 in the Status Register. One bus write cycle is required to issue the Clear Status Register com- mand. The Clear Status Register command does not change the Read mode of the bank. The error bits in the Status Register do not auto- matically return to ‘0’ when a new command is is- sued. The error bits in the Status Register should be cleared before attempting a new Program or Erase command. Block Erase Command The Block Erase command can be used to erase a block. It sets all the bits within the selected block to ’1’. All previous data in the block is lost. If the block is protected then the Erase operation will abort, the data in the block will not be changed and the Status Register will output the error. The Block Erase command can be issued at any moment, re- gardless of whether the block has been pro- grammed or not. Two Bus Write cycles are required to issue the command. ■ The first bus cycle sets up the Erase command. ■ The second latches the block address in the Program/Erase Controller and starts it. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |