Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX-PCEAX Datasheet(PDF) 2 Page - silex technology america, Inc.

Part # SX-PCEAX
Description  Next Generation IEEE 802.11 abgn/ac/ax Plus Bluetooth PCIe Combo Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILEX [silex technology america, Inc.]
Direct Link  https://www.silextechnology.com/
Logo SILEX - silex technology america, Inc.

SX-PCEAX Datasheet(HTML) 2 Page - silex technology america, Inc.

  SX-PCEAX Datasheet HTML 1Page - silex technology america, Inc. SX-PCEAX Datasheet HTML 2Page - silex technology america, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Main Power : 3.3 V ± 5%
     
Operating Voltage
SX-PCEAX-SMT (M.2 LGA Type 1418)
SX-PCEAX-HMC (Mini PCIe Card Half Size)
SX-PCEAX-M2 (M.2 Card Type 2230-S3-A-E)
Model
QCA2066
Chipset
IEEE 802.11a/b/g/n/ac/ax (2x2)
WLAN Specication
WLAN : PCIe 3.0
Bluetooth: USB1.1
Host Interface
Bluetooth v5.2 (BR/EDR/HS/LE Compliant)
BT Specications
MHF4 connector x 2
Antenna Connector
Temperature: -20 ~ 65
℃
Humidity : +5 ~ 85% RH (No Condensation)
Operating
Environment
Temperature: -40 ~ 125
℃
Humidity : +5 ~ 60% RH (No Condensation)
Storage
Environment
TELEC/FCC/IC/CE
Modular
Certications
SX-PCEAX-SMT: 14.0mm x 18.0mm x 1.9mm
SX-PCEAX-HMC: 29.85mm x 26.65mm x 2.9mm
SX-PCEAX-M2: 22.0mm x 30.0mm x 2.7mm
Dimensions
TBD
Weight
     
[2.4 GHz]: TBD
[5 GHz]: TBD
[6 GHz]: TBD
Power Consumption
(WLAN)
silex technology is a registered trademark of silex technology, Inc. Other product or brand names may be registered trademarks of their respective owners.
Technical information and specications are subject to change without notice. © 2021 silex technology, Inc. All rights reserved.
PCIe Wi-Fi6 Module
Next Generation IEEE 802.11ax + BT Combo Module
SX-PCEAX
Contact Silex Sales to discuss early access and enablement.
Block Diagram
Evaluation Kit
SX-PCEAX-HMC is a mini PCIe half mini card designed to allow easy
evaluation of the radio using Boundary Device’s Nitrogen8M based
on NXP’s i.MX8M processor. We provide a Linux OS evaluation image
which includes Silex’s reference radio driver, supplicant and tools
to test the radio.
PN: 141-xxxxx-xxx
REV A. 20210531
US Oce
silex technology america, Inc.
+1-657-218-5199
www.silextechnology.com
sales@silexamerica.com
Europe Oce
silex technology europe, GmbH
+49-2154-88967-0
Germany toll free 0800-7453938
www.silextechnology.com
sales@silexeurope.com
China
silex technology beijing, Inc.
+86-10-8497-1430
www.silex.com.cn
contact@silex.com.cn
silex global sales & support locations
Corporate Headquarters
silex technology, Inc.
+81-774-98-3781
www.silex.jp
support@silex.jp
Mechanical Specications
Product Specications
SX-PCEAX-SMT
SX-PCEAX-M2
SX-PCEAX-HMC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com