Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29F040B45P3T Datasheet(PDF) 18 Page - STMicroelectronics

Part # M29F040B45P3T
Description  4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F040B45P3T Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M29F040B45P3T Datasheet HTML 13Page - STMicroelectronics M29F040B45P3T Datasheet HTML 14Page - STMicroelectronics M29F040B45P3T Datasheet HTML 15Page - STMicroelectronics M29F040B45P3T Datasheet HTML 16Page - STMicroelectronics M29F040B45P3T Datasheet HTML 17Page - STMicroelectronics M29F040B45P3T Datasheet HTML 18Page - STMicroelectronics M29F040B45P3T Datasheet HTML 19Page - STMicroelectronics M29F040B45P3T Datasheet HTML 20Page - STMicroelectronics M29F040B45P3T Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
M29F040B
18/21
PLCC32 – 32 lead Plastic Leaded Chip Carrier, Package Outline
Note: Drawing is not to scale.
PLCC32 – 32 lead Plastic Leaded Chip Carrier, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
3.18
3.56
0.125
0.140
A1
1.53
2.41
0.060
0.095
A2
0.38
–
0.015
–
B
0.33
0.53
0.013
0.021
B1
0.66
0.81
0.026
0.032
CP
0.10
0.004
D
12.32
12.57
0.485
0.495
D1
11.35
11.51
0.447
0.453
D2
4.78
5.66
0.188
0.223
D3
7.62
–
–
0.300
–
–
E
14.86
15.11
0.585
0.595
E1
13.89
14.05
0.547
0.553
E2
6.05
6.93
0.238
0.273
E3
10.16
–
–
0.400
–
–
e
1.27
–
–
0.050
–
–
F
0.00
0.13
0.000
0.005
N32
32
R
0.89
–
–
0.035
–
–
PLCC-A
D
E3
E1 E
1 N
D1
D3
CP
B
E2
e
B1
A1
A
R
0.51 (.020)
1.14 (.045)
F
A2
E2
D2
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com