Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

935B1C104F Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 935B1C104F
Description  METALLIZED POLYPROPYLENE CAPACITORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

935B1C104F Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  935B1C104F Datasheet HTML 1Page - List of Unclassifed Manufacturers 935B1C104F Datasheet HTML 2Page - List of Unclassifed Manufacturers 935B1C104F Datasheet HTML 3Page - List of Unclassifed Manufacturers 935B1C104F Datasheet HTML 4Page - List of Unclassifed Manufacturers 935B1C104F Datasheet HTML 5Page - List of Unclassifed Manufacturers 935B1C104F Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
®
METALLIZED POLYPROPYLENE
935B SERIES
*Add tolerance designator to complete part number: F = ±1%, G = ±2%, J = ±5%, K = ±10%, M = ±20%
WRAP AND FILL
OVAL CONFIGURATION
For max. T, W and L dimensions, allow +.050”.
Available in epoxy case configurations; please consult factory.
LEAD LENGTH: 2.0” ± .50”
100 VOLT DC/67 VAC
200 VOLT DC/135 VAC
.0010
935B1B102*
.09
.18
.40
26
935B1C102*
.09
.18
.40
26
.0015
935B1B152*
.09
.18
.40
26
935B1C152*
.09
.18
.40
26
.0022
935B1B222*
.09
.18
.40
26
935B1C222*
.09
.18
.40
26
.0033
935B1B332*
.09
.18
.40
26
935B1C332*
.09
.18
.40
26
.0047
935B1B472*
.09
.18
.40
26
935B1C472*
.09
.18
.40
26
.0068
935B1B682*
.09
.18
.40
26
935B1C682*
.09
.18
.40
26
.0082
935B1B822*
.09
.18
.40
26
935B1C822*
.09
.18
.40
26
.010
935B1B103*
.09
.18
.40
26
935B1C103*
.09
.18
.40
26
.015
935B1B153*
.09
.18
.40
26
935B1C153*
.09
.18
.53
26
.022
935B1B223*
.09
.18
.40
26
935B1C223*
.09
.18
.53
26
.033
935B1B333*
.09
.18
.53
26
935B1C333*
.12
.21
.53
26
.047
935B1B473*
.09
.18
.53
26
935B1C473*
.15
.24
.53
24
.068
935B1B683*
.10
.20
.53
26
935B1C683*
.18
.28
.53
24
.082
935B1B823*
.12
.21
.53
26
935B1C823*
.20
.30
.53
24
.10
935B1B104*
.14
.23
.53
24
935B1C104*
.23
.32
.53
24
.15
935B1B154*
.18
.27
.53
24
935B1C154*
.22
.32
.65
24
.22
935B1B224*
.22
.32
.53
24
935B1C224*
.23
.33
.78
24
.33
935B1B334*
.22
.32
.65
24
935B1C334*
.30
.39
.78
24
.47
935B1B474*
.23
.33
.78
24
935B1C474*
.32
.41
.90
22
.68
935B1B684*
.29
.38
.78
24
935B1C684*
.29
.45
1.15
22
.82
935B1B824*
.32
.42
.78
22
935B1C824*
.32
.49
1.15
22
1.0
935B1B105*
.21
.38
1.15
22
935B1C105*
.36
.53
1.15
20
2.0
935B1B205*
.33
.50
1.15
22
935B1C205*
.47
.64
1.40
20
5.0
935B1B505*
.44
.60
1.65
20
935B1C505*
.64
.81
1.90
20
10.0
935B1B106*
.59
.76
1.90
20
935B1C106*
.94
1.11
1.90
20
15.0
935B1B156*
.75
.91
1.90
20
935B1C156*
1.20
1.39
1.90
20
20.0
935B1B206*
.88
1.05
1.90
20
935B1C206*
1.37
1.54
1.90
20
DIMENSIONS
LEAD
DIMENSIONS
LEAD
SIZE
SIZE
MFD
PART NO.
T
W
L
(AWG)
PART NO.
T
W
L
(AWG)
400 VOLT DC/270 VAC
600 VOLT DC/440 VAC
.0010
935B1E102*
.09
.18
.40
26
935B1F102*
.09
.18
.40
26
.0015
935B1E152*
.09
.18
.40
26
935B1F152*
.09
.18
.40
26
.0022
935B1E222*
.09
.18
.40
26
935B1F222*
.09
.18
.40
26
.0033
935B1E332*
.09
.18
.40
26
935B1F332*
.14
.23
.40
26
.0047
935B1E472*
.09
.18
.40
26
935B1F472*
.15
.24
.40
26
.0068
935B1E682*
.09
.18
.40
26
935B1F682*
.13
.22
.53
26
.0082
935B1E822*
.09
.18
.53
26
935B1F822*
.14
.23
.53
26
.010
935B1E103*
.09
.18
.53
26
935B1F103*
.15
.24
.53
26
.015
935B1E153*
.09
.18
.53
24
935B1F153*
.19
.29
.53
24
.022
935B1E223*
.12
.21
.53
24
935B1F223*
.15
.24
.69
22
.033
935B1E333*
.16
.26
.53
24
935B1F333*
.23
.33
.69
22
.047
935B1E473*
.20
.30
.53
24
935B1F473*
.28
.38
.69
22
.068
935B1E683*
.25
.35
.53
24
935B1F683*
.26
.35
.95
22
.082
935B1E823*
.22
.31
.65
24
935B1F823*
.28
.38
.95
22
.10
935B1E104*
.24
.34
.65
22
935B1F104*
.31
.41
.95
22
.15
935B1E154*
.31
.40
.65
22
935B1F154*
.38
.48
.95
20
.22
935B1E224*
.34
.43
.78
20
935B1F224*
.40
.49
1.21
20
.33
935B1E334*
.42
.52
.78
20
935B1F334*
.49
.59
1.21
20
.47
935B1E474*
.32
.48
1.15
20
935B1F474*
.45
.61
1.46
20
.68
935B1E684*
.39
.57
1.15
20
935B1F684*
.52
.64
1.72
20
.82
935B1E824*
.45
.61
1.15
20
935B1F824*
.58
.75
1.72
20
1.0
935B1E105*
.43
.60
1.40
20
935B1F105*
.63
.79
1.72
20
2.0
935B1E205*
.57
.74
1.65
20
935B1F205*
.86
1.03
1.72
20
5.0
935B1E505*
.87
1.04
1.90
20
935B1F505*
1.16
1.33
1.96
20
10.0
935B1E106*
1.27
1.44
1.90
20
935B1F106*
-
-
-
-
15.0
935B1E156*
1.40
1.70
2.15
20
935B1F156*
-
-
-
-
20.0
935B1E206*
1.74
1.91
2.15
20
935B1F206*
-
-
-
-
DIMENSIONS
LEAD
DIMENSIONS
LEAD
SIZE
SIZE
MFD
PART NO.
T
W
L
(AWG)
PART NO.
T
W
L
(AWG)
3366 Pomona Blvd. • Pomona, CA 91768 • TEL: (909) 595-4037 • FAX: (909) 595-0186
e-mail: esales@electrocube.com • Internet: www.electrocube.com • (IR: 9/99)
®



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com