Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M36W0R5020B0 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M36W0R5020B0
Description  32 Mbit (2Mb x16, Multiple Bank, Burst) Flash Memory and 4 Mbit SRAM, 1.8V Supply Multi-Chip Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36W0R5020B0 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M36W0R5020B0 Datasheet HTML 17Page - STMicroelectronics M36W0R5020B0 Datasheet HTML 18Page - STMicroelectronics M36W0R5020B0 Datasheet HTML 19Page - STMicroelectronics M36W0R5020B0 Datasheet HTML 20Page - STMicroelectronics M36W0R5020B0 Datasheet HTML 21Page - STMicroelectronics M36W0R5020B0 Datasheet HTML 22Page - STMicroelectronics M36W0R5020B0 Datasheet HTML 23Page - STMicroelectronics M36W0R5020B0 Datasheet HTML 24Page - STMicroelectronics M36W0R5020B0 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21/26
M36W0R5020T0, M36W0R5020B0
Table 10. SRAM Write AC Characteristics
Note: 1. Whatever the temperature and voltage, tWLDZ is less than tWHDX.
Symbol
Alt
Parameter
M36W0R5020T0, M36W0R5020B0
Unit
Min
Max
tAVAV
tWC
Write Cycle Time
70
ns
tAVE1L,
tAVE2H,
tAVWL
tAVBL
tSA
Address Valid to Beginning of Write
0
ns
tAVWH
tAVE1H
tAVE2L
tAVBH
tAW
Address Valid to Write Enable High
60
ns
tBLWH
tBLE1H
tBLE2L
tBLBH
tBW
UBS, LBS Valid to End of Write
60
ns
tDVE1H,
tDVE2L,
tDVWH
tDVBH
tSD
Input Valid to End of Write
30
ns
tE1HAX,
tE2LAX,
tWHAX
tBHAX
tHA
End of Write to Address Change
0
ns
tE1HDX,
tE2LDX,
tWHDX
tBHDX
tHD
Data Transition to End of Write
0
ns
tE1LE1H,
tE2HE2L,
tE1LWH
tE2HWH
tE1LBH,
tE2HBH
tSCE
Chip Enable 1 Low or Chip Enable 2 High to
End of Write
60
ns
tGHDZ
tHZOE
Output Enable High to Output Hi-Z
25
ns
tWHDZ
(1)
tLZWE
Write Enable High to Input Transition
10
ns
tWLDZ
(1)
tHZWE
Write Enable Low to Output Hi-Z
25
ns
tWLWH
tWLE1H
tWLE2L
tWLBH
tPWE
Write Enable Pulse Width
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com