Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2030T-I/P Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP2030T-I/P
Description  Three-Channel Analog Front-End Device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2030T-I/P Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP2030T-I/P Datasheet HTML 2Page - Microchip Technology MCP2030T-I/P Datasheet HTML 3Page - Microchip Technology MCP2030T-I/P Datasheet HTML 4Page - Microchip Technology MCP2030T-I/P Datasheet HTML 5Page - Microchip Technology MCP2030T-I/P Datasheet HTML 6Page - Microchip Technology MCP2030T-I/P Datasheet HTML 7Page - Microchip Technology MCP2030T-I/P Datasheet HTML 8Page - Microchip Technology MCP2030T-I/P Datasheet HTML 9Page - Microchip Technology MCP2030T-I/P Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
MCP2030
DS21981A-page 6
© 2005 Microchip Technology Inc.
RSSI current output
IRSSI
—
6
—
0.65
12
100
2
20.3
—
μA
μA
μA
VIN = 37 mVPP
VIN = 370 mVPP
VDD = 3.0V, VIN = 0 to 4 VPP
Linearly increases with input signal ampli-
tude.
Tested at VIN = 37 mVPP, 100 mVPP, and
370 mVPP at +25ºC.
RSSI current linearity
ILRRSSI
-15
—
15
%
Tested at room temperature only (see
Equation 5-1 and Figure 5-7 for test method).
AC Characteristics (Continued)
Electrical Specifications: Standard Operating Conditions (unless otherwise stated)
Supply Voltage
2.0V
≤ VDD ≤ 3.6V
Operating temperature
-40°C
≤ TA ≤ +85°C
LCCOM connected to VSS
LC Signal Input
Sinusoidal 300 mVPP
Carrier Frequency
125 kHz
LCCOM connected to VSS
Parameters
Sym.
Min.
Typ†
Max.
Units
Conditions
*
Parameter is characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Note
1:
Required output enable filter high time must account for input path analog delays (= TOEH - TDR + TDF).
2:
Required output enable filter low time must account for input path analog delays (= TOEL + TDR - TDF).
SPI Timing
Electrical Specifications: Standard Operating Conditions (unless otherwise stated)
Supply Voltage
2.0V
≤ VDD ≤ 3.6V
Operating temperature
-40°C
≤ TA ≤ +85°C
LC Signal Input
Sinusoidal 300 mVPP
Carrier Frequency
125 kHz
LCCOM connected to VSS
Parameters
Sym.
Min.
Typ†
Max.
Units
Conditions
SCLK Frequency
FSCLK
——
3
MHz
CS fall to first SCLK edge setup time
TCSSC
100
—
—
ns
SDI setup time
TSU
30
—
—
ns
SDI hold time
THD
50
—
—
ns
SCLK high time
THI
150
—
—
ns
SCLK low time
TLO
150
—
—
ns
SDO setup time
TDO
——
150
ns
SCLK last edge to CS rise setup time
TSCCS
100
—
—
ns
CS high time
TCSH
500
—
—
ns
CS rise to SCLK edge setup time
TCS1
50
—
—
ns
SCLK edge to CS fall setup time
TCS0
50
—
—
ns
SCLK edge when CS is high
Rise time of SPI data
(SPI Read command)
TRSPI
—10
—
ns
VDD = 3.0V. Time is measured from 10% to
90% of amplitude
Fall time of SPI data
(SPI Read command)
TFSPI
—10
—
ns
VDD = 3.0V. Time is measured from 90% to
10% of amplitude
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com