Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PICOGLF10W Datasheet(PDF) 13 Page - Aims Power

Part # PICOGLF10W
Description  Global LF Series Pure Sine Wave Inverter Charger Users Manual
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMSPOWER [Aims Power]
Direct Link  https://www.aimscorp.net/
Logo AIMSPOWER - Aims Power

PICOGLF10W Datasheet(HTML) 13 Page - Aims Power

Back Button PICOGLF10W Datasheet HTML 9Page - Aims Power PICOGLF10W Datasheet HTML 10Page - Aims Power PICOGLF10W Datasheet HTML 11Page - Aims Power PICOGLF10W Datasheet HTML 12Page - Aims Power PICOGLF10W Datasheet HTML 13Page - Aims Power PICOGLF10W Datasheet HTML 14Page - Aims Power PICOGLF10W Datasheet HTML 15Page - Aims Power PICOGLF10W Datasheet HTML 16Page - Aims Power PICOGLF10W Datasheet HTML 17Page - Aims Power Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
11
When the power switch is turned to either “Power Save ON” or “Power ON”, the inverter is powered on.
The Power Saver function is designed to conserve battery power when AC power is not or rarely required
by the loads.
In this mode, the inverter pulses the AC output looking for an AC load (IE. electrical device). Whenever
an AC load (greater than 50-100 watts depending on model) is turned on, the inverter recognizes the need
for power and automatically starts inverting and output goes to full voltage. When there is no load (or less
than 50-100 watts depending on model) detected, the inverter automatically goes back into search mode to
minimize energy consumption from the battery bank.
In “Power saver on” mode, the inverter will draw power mainly in sensing moments, thus the idle
consumption is significantly reduced. The inverter will detect a load for 250ms every 3 seconds (DOP
switch#3 position 1).
Note: The minimum power of a load to take inverter out of sleep mode (Power Saver On) is 50 Watts for
inverters 1000-3000 watts and 100 Watts for 4000-6000 watts. The Global LF Series is designed with
extremely low idle power consumption, only a mere 0.8-1.8% of its rated power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com