Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP16501A Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP16501A
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAMA7G Series MPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16501A Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP16501A Datasheet HTML 9Page - Microchip Technology MCP16501A Datasheet HTML 10Page - Microchip Technology MCP16501A Datasheet HTML 11Page - Microchip Technology MCP16501A Datasheet HTML 12Page - Microchip Technology MCP16501A Datasheet HTML 13Page - Microchip Technology MCP16501A Datasheet HTML 14Page - Microchip Technology MCP16501A Datasheet HTML 15Page - Microchip Technology MCP16501A Datasheet HTML 16Page - Microchip Technology MCP16501A Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
 2020 Microchip Technology Inc.
DS20006388A-page 13
MCP16501
Note: Unless otherwise specified: VIN = VIN= PVINx = 5V; L1 = L2 = L3 = 2.2 µH; COUT1 = COUT2 = COUT3 = 22 µF, TA
= +25°C
FIGURE 2-19:
Buck Channels Output
Voltage Ripple, Active (FPWM) Mode.
FIGURE 2-20:
Buck Channels Output
Voltage Ripple, Low-Power (Auto-PFM)
Mode.
FIGURE 2-21:
MCP16501D Automatic
Wake-up Pulse upon Fault on Active Channels,
Hibernate Mode.
VOUT1
AC Coupled
10 mV/div
VOUT2
AC Coupled
10 mV/div
VOUT3
AC Coupled
10 mV/div
10
μs/div
VOUT1(3.3V)
AC Coupled
10 mV/div
VOUT2(1.2V)
AC Coupled
10 mV/div
VOUT3(1.25V)
AC Coupled
10 mV/div
40 ms/div
LPM
PWRHLD
FAULT
nSTRTO
BUCK1
BUCK2
LVOUT
BUCK3
nRSTO
40 ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com