Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

19264-05-SL-R-ST-ELED-AM Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 19264-05-SL-R-ST-ELED-AM
Description  192 x 64 Dot Graphic LCD Assembly With KS0107 / KS108 Graphics Controller LED Backlight
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

19264-05-SL-R-ST-ELED-AM Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 19264-05-SL-R-ST-ELED-AM Datasheet HTML 5Page - List of Unclassifed Manufacturers 19264-05-SL-R-ST-ELED-AM Datasheet HTML 6Page - List of Unclassifed Manufacturers 19264-05-SL-R-ST-ELED-AM Datasheet HTML 7Page - List of Unclassifed Manufacturers 19264-05-SL-R-ST-ELED-AM Datasheet HTML 8Page - List of Unclassifed Manufacturers 19264-05-SL-R-ST-ELED-AM Datasheet HTML 9Page - List of Unclassifed Manufacturers 19264-05-SL-R-ST-ELED-AM Datasheet HTML 10Page - List of Unclassifed Manufacturers 19264-05-SL-R-ST-ELED-AM Datasheet HTML 11Page - List of Unclassifed Manufacturers 19264-05-SL-R-ST-ELED-AM Datasheet HTML 12Page - List of Unclassifed Manufacturers 19264-05-SL-R-ST-ELED-AM Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 19264-05
2.3 Optical Characteristics (VOP = 14.3V, Ta = 25°C )
Item
Symbol
Condition
Min
Typ
Max
Unit
Remarks
Tr
---
244
---
ms
Response time
Tf
---
---
121
---
ms
Contrast ratio
Cr
θ=0°
φ=0°
---
7.6
---
---
24
---
---
deg
θ=90
24
---
---
deg
θ=270
43
---
---
deg
θ=0
Viewing angle range
θ
Cr≥2
26
---
---
deg
θ=180
PACIFIC DISPLAY DEVICES
06.27.2003
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com