Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

19264-05-FN-R-ET-ELED-AM Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 19264-05-FN-R-ET-ELED-AM
Description  192 x 64 Dot Graphic LCD Assembly With KS0107 / KS108 Graphics Controller LED Backlight
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

19264-05-FN-R-ET-ELED-AM Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  19264-05-FN-R-ET-ELED-AM Datasheet HTML 1Page - List of Unclassifed Manufacturers 19264-05-FN-R-ET-ELED-AM Datasheet HTML 2Page - List of Unclassifed Manufacturers 19264-05-FN-R-ET-ELED-AM Datasheet HTML 3Page - List of Unclassifed Manufacturers 19264-05-FN-R-ET-ELED-AM Datasheet HTML 4Page - List of Unclassifed Manufacturers 19264-05-FN-R-ET-ELED-AM Datasheet HTML 5Page - List of Unclassifed Manufacturers 19264-05-FN-R-ET-ELED-AM Datasheet HTML 6Page - List of Unclassifed Manufacturers 19264-05-FN-R-ET-ELED-AM Datasheet HTML 7Page - List of Unclassifed Manufacturers 19264-05-FN-R-ET-ELED-AM Datasheet HTML 8Page - List of Unclassifed Manufacturers 19264-05-FN-R-ET-ELED-AM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 19264-05
1.6 Input Signal Function
1.6 Input Signal Function
Pin No.
Pin No.
Symbol
Symbol
Level
Level
Description
Description
1
DB7
H/L
Data bit 7
2
DB6
H/L
Data bit 6
3
DB5
H/L
Data bit 5
4
DB4
H/L
Data bit 4
5
DB3
H/L
Data bit 3
6
DB1
H/L
Data bit 1
7
DB2
H/L
Data bit 2
8
DB0
H/L
Data bit 0
9
E
H, H
→ L
Chip enable signal
10
R/W
H/L
H : Read mode, L : Write mode
11
RS
H/L
H : Data signal, L : Instruction signal
12
VO
---
Input voltage for LCD
13
VDD
5.0V
Supply voltage for logic
14
VSS
0V
Ground
15
CSA
H/L
16
CSB
H/L
Chip select signal for 1 of 3 KS0108B Chips
00=1-64, 01=65-128, 10=129-192
17
NC
---
No Connection
18
/RES
L
Reset active low
19
LED-A
4.2V
LED Backlight Anode
20
LED-K
0V
LED Backlight Cathode
1.7 LCM Power, Contrast Control and Bias
LCM
VDD
VO
VSS
Backlight
Power
K
A
ELED
Backlight
VR:
20Kohm
VDD=+5V
Vee= -12V
PACIFIC DISPLAY DEVICES
06.27.2003
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com