Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72334J2B6 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST72334J2B6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72334J2B6 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST72334J2B6 Datasheet HTML 21Page - STMicroelectronics ST72334J2B6 Datasheet HTML 22Page - STMicroelectronics ST72334J2B6 Datasheet HTML 23Page - STMicroelectronics ST72334J2B6 Datasheet HTML 24Page - STMicroelectronics ST72334J2B6 Datasheet HTML 25Page - STMicroelectronics ST72334J2B6 Datasheet HTML 26Page - STMicroelectronics ST72334J2B6 Datasheet HTML 27Page - STMicroelectronics ST72334J2B6 Datasheet HTML 28Page - STMicroelectronics ST72334J2B6 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 125 page
background image
ST72334J/N, ST72314J/N, ST72124J
25/125
4.1 LOW VOLTAGE DETECTOR (LVD)
To allow the integration of power management
features in the application, the Low Voltage Detec-
tor function (LVD) generates a static reset when
the VDD supply voltage is below a VLVDf reference
value. This means that it secures the power-up as
well as the power-down keeping the ST7 in reset.
The VLVDf reference value for a voltage drop is
lower than the VLVDr reference value for power-on
in order to avoid a parasitic reset when the MCU
starts running and sinks current on the supply
(hysteresis).
The LVD Reset circuitry generates a reset when
VDD is below:
–VLVDr when VDD is rising
–VLVDf when VDD is falling
The LVD function is illustrated in the Figure 13.
Provided the minimum VDD value (guaranteed for
the oscillator frequency) is below VLVDf, the MCU
can only be in two modes:
– under full software control
– in static safe reset
In these conditions, secure operation is always en-
sured for the application without the need for ex-
ternal reset hardware.
During a Low Voltage Detector Reset, the RESET
pin is held low, thus permitting the MCU to reset
other devices.
Notes:
1) the LVD allows the device to be used without any exter-
nal RESET circuitry.
2) three different reference levels are selectable through
the OPTIO N BYTE according to the application require-
ment.
LVD application note
Application software can detect a reset caused by
the LVD by reading the LVDRF bit in the CRSR
register.
This bit is set by hardware when a LVD reset is
generated and cleared by software (writing zero).
Figure 13. Low Voltage Detector vs Reset
VDD
VLVDr
RESET
VLVDf
HYSTE RESIS
VLVDhyst



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com