| Electronic Components Datasheet Search |
|
ST72334J4B1 Datasheet(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72334J4B1 Datasheet(HTML) 18 Page - STMicroelectronics |
|
18 / 125 page ![]() ST72334J/N, ST72314J/N, ST72124J 18/125 DATA EEPROM (Cont’d) 2.6.3 Memory Access The Data EEPROM memory read/write access modes are controlled by the LAT bit of the EEP- ROM Control/Status register (EECSR). The flow- chart in Figure 8 describes these different memory access modes. Read Operation (LAT=0) The EEPROM can be read as a normal ROM loca- tion when the LAT bit of the EECSR register is cleared. In a read cycle, the byte to be accessed is put on the data bus in less than 1 CPU clock cycle. This means that reading data from EEPROM takes the same time as reading data from EPROM, but this memory cannot be used to exe- cute machine code. Write Operation (LAT=1) To access the write mode, the LAT bit has to be set by software (the PGM bit remains cleared). When a write access to the EEPROM area occurs, the value is latched inside the 16 data latches ac- cording to its address. When PGM bit is set by the software, all the previ- ous bytes written in the data latches (up to 16) are programmed in the EEPROM cells. The effective high address (row) is determined by the last EEP- ROM write sequence. To avoid wrong program- ming, the user must take care that all the bytes written between two programming sequences have the same high address: only the four Least Significant Bits of the address can change. At the end of the programming cycle, the PGM and LAT bits are cleared simultaneously, and an inter- rupt is generated if the IE bit is set. The Data EEP- ROM interrupt request is cleared by hardware when the Data EEPROM interrupt vector is fetched. Note: Care should be taken during the program- ming cycle. Writing to the same memory location will over-program the memory (logical AND be- tween the two write access data result) because the data latches are only cleared at the end of the programming cycle and by the falling edge of LAT bit. It is not possible to read the latched data. This note is ilustrated by the Figure 9. Figure 8. Data EEPROM Programming Flowchart READ MODE LAT=0 PGM=0 WRITE MODE LAT=1 PGM=0 READ BYTES IN EEPROM AREA WRITE UP TO 16 BYTES IN EEPROM AREA (with the same 12 MSB of the address) START PROGRAMMING CYCLE LAT=1 PGM=1 (set by software) LAT INTERRUPT GENERATION IF IE=1 0 1 CLEARED BY HARDWARE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |