Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72334J4T6 Datasheet(PDF) 110 Page - STMicroelectronics

Part # ST72334J4T6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72334J4T6 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button ST72334J4T6 Datasheet HTML 106Page - STMicroelectronics ST72334J4T6 Datasheet HTML 107Page - STMicroelectronics ST72334J4T6 Datasheet HTML 108Page - STMicroelectronics ST72334J4T6 Datasheet HTML 109Page - STMicroelectronics ST72334J4T6 Datasheet HTML 110Page - STMicroelectronics ST72334J4T6 Datasheet HTML 111Page - STMicroelectronics ST72334J4T6 Datasheet HTML 112Page - STMicroelectronics ST72334J4T6 Datasheet HTML 113Page - STMicroelectronics ST72334J4T6 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 125 page
background image
ST72334J/N, ST72314J/N, ST72124J
110/125
SUPPLY, RESET AND CLOCK CHARACTERISTICS (Cont’d)
Notes:
1) Unless otherwise specified, typical data are based on TA=25°C and VDD-VSS=5V. They are given only as design guide-
lines and are not tested.
2) These data are based on typical RSmax. The oscillator selection can be optimized in terms of supply current with high
quality resonator.
3) RSmax is the equivalent serial resistance of the crystal or ceramic resonator.
4) Data based on design simulation and/or technology characteristics, not tested in production.
5) Data based on characterization results, not tested in production.
6) In this condition, the capacitor to be considered is the global parasitic capacitor. In this case, the RC oscillator frequen-
cy tuning has to be done by trying out several resistor values.
CRYSTAL AND CERAMIC RESONATOR OSCILLATORS
Symbol
Parameter
Condition s
Min
Typ 1)
Max
Unit
fOSC
Oscillator Frequency 2)
Low speed resonator
Medium-low speed resonator
Medium-high speed resonator
High speed resonator
1
>2
>4
>8
2
4
8
16
MHz
CLi
Low speed
Load
Medium-low speed
Capacitance
Medium-high speed
High speed
RSmax=200Ω
3)
RSmax=200Ω
3)
RSmax=200Ω
3)
RSmax=100Ω
3)
38 4)
32 4)
18 4)
15 4)
47
39
22
18
56 4)
46 4)
26 4)
21 4)
pF
IDD
Low speed
Supply
Medium-low speed
Current
Medium-high speed
High speed
150
200
400
700
700 5)
700 5)
750 5)
1100 5)
µA
tSTART
Oscillator start-up time
Depends on resonator quality. A typical value is 10ms
EXTERNAL RC OSCILLATO R
Symbol
Parameter
Condition s
Min 4)
Typ 1)
Max
Unit
fOSC
External RC Oscillator Frequency
VDD=5V
114 4)
MHz
REX
Oscillator External Resistance
10
33
47 4)
k
Ω
CEX
Oscillator External Capacitance
0 6)
47
470 4)
pF
IDD
Supply Current
525
750 5)
µA
INTERNAL RC OSCILLATOR
Symbol
Parameter
Condition s
Min
Typ 1)
Max
Unit
fOSC
Internal RC Oscillator Frequency
VDD=5.5V
3.50
4.25
5.00
MHz
VDD=3.0V
3.35
4.10
4.85
IDD
Supply Current
500
750 5)
µA
CLOCK SECURITY SYSTEM (CSS)
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
fSFOSC
Safe Oscillator Frequency
VDD=5.5V
250
340
430
kHz
VDD=3.0V
190
260
330
fCFL
Clock Filter Frequency limitation
30
MHz
IDD
Supply Current
150
350 5)
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com