Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72334J4T6 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST72334J4T6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72334J4T6 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST72334J4T6 Datasheet HTML 26Page - STMicroelectronics ST72334J4T6 Datasheet HTML 27Page - STMicroelectronics ST72334J4T6 Datasheet HTML 28Page - STMicroelectronics ST72334J4T6 Datasheet HTML 29Page - STMicroelectronics ST72334J4T6 Datasheet HTML 30Page - STMicroelectronics ST72334J4T6 Datasheet HTML 31Page - STMicroelectronics ST72334J4T6 Datasheet HTML 32Page - STMicroelectronics ST72334J4T6 Datasheet HTML 33Page - STMicroelectronics ST72334J4T6 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 125 page
background image
ST72334J/N, ST72314J/N, ST72124J
30/125
MULTI-OSCILLATOR (MO)
The main clock of the ST7 can be generated by 7
different sources coming from the multi-oscillator
block:
s
an external source
s
4 crystal or ceramic resonator oscillators
s
1 external RC oscillator
s
1 internal high frequency RC oscillator
Each oscillator is optimized for a given frequency
range in terms of consumption and is selectable
through the OPTION BYTE.
External Clock Source
The default OPTION BYTE value selects the Ex-
ternal Clock in the MO block. In this mode, a clock
signal (square, sinus or triangle) with ~50% duty
cycle has to drive the OSC1 pin while the OSC2
pin is tied to ground (see Figure 19).
Figure 19. MO External Clock
Crystal/Ceramic Oscillators
This family of oscillators has the advantage of pro-
ducing a high accuracy on the main clock of the
ST7. The selection within a list of 4 oscillators with
different frequency ranges has to be done by OP-
TION BYTE in order to reduce the consumption. In
this mode of the MO block, the resonator and the
load capacitances have to be connected as shown
in Figure 20 and have to be mounted as close as
possible to the oscillator pins in order to minimize
output distortion and start-up stabilization time.
The loading capacitance values must be adjusted
according to the selected oscillator.
These oscillators, when selected via the OPTION
BYTE, are not stopped during the RESET phase
to avoid losing time in the oscillator start-up phase.
Figure 20. MO Crystal/Ceramic Resonator
OSC1
OSC2
EXTERNAL
ST7
SOURCE
OSC1
OSC2
LOAD
CAPACITANCES
ST7
CL1
CL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com