Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72334J4B7 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST72334J4B7
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72334J4B7 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST72334J4B7 Datasheet HTML 30Page - STMicroelectronics ST72334J4B7 Datasheet HTML 31Page - STMicroelectronics ST72334J4B7 Datasheet HTML 32Page - STMicroelectronics ST72334J4B7 Datasheet HTML 33Page - STMicroelectronics ST72334J4B7 Datasheet HTML 34Page - STMicroelectronics ST72334J4B7 Datasheet HTML 35Page - STMicroelectronics ST72334J4B7 Datasheet HTML 36Page - STMicroelectronics ST72334J4B7 Datasheet HTML 37Page - STMicroelectronics ST72334J4B7 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 125 page
background image
ST72334J/N, ST72314J/N, ST72124J
34/125
4.5 MAIN CLOCK CONTROLLER (MCC)
The MCC block supplies the clock for the ST7
CPU and its internal peripherals. It allows to man-
age the power saving modes such as the SLOW
and ACTIVE-HALT modes. The whole functionali-
ty is managed by the Main Clock Control/Status
Register (MCCSR) and the Miscellaneous Regis-
ter 1 (MISCR1).
The MCC block consists of:
– a programmable CPU clock prescaler
– a time base counter with interrupt capability
– a clock-out signal to supply external devices
The prescaler allows to select the main clock fre-
quency and is controlled with three bits of the
MISCR1: CP1, CP0 and SMS.
The counter allows to generate an interrupt based
on a accurate real time clock. Four different time
bases depending directly on fOSC are available.
The whole functionality is controlled by four bits of
the MCCSR register: TB1, TB0, OIE and OIF.
The clock-out capability allows to configure a ded-
icated I/O port pin as an fOSC/2 clock out to drive
external devices. It is controlled by the MCO bit in
the MISCR1 register.
When selected, the clock out pin suspends the
clock during ACTIVE-HALT mode.
Figure 25. Main Clock Controller (MCC) Block Diagram
DIV 2, 4, 8, 16
MCC INTERRUPT
DIV 2
SMS
CP1
CP0
TB1
TB0
OIE
OIF
CPU CLOCK
MISCR1
PROGRAMMABLE
DIVIDER
TO CPU AND
PERIPHER ALS
fOSC
fCPU
MCO
PORT
FUNCTION
ALTERNATE
OSC2
OSC1
MCO
-
-
-
-
0
0
0
0
MCCSR
OSCILLATOR
MCC
fOSC/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com