Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72334J4T7 Datasheet(PDF) 105 Page - STMicroelectronics

Part # ST72334J4T7
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72334J4T7 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button ST72334J4T7 Datasheet HTML 101Page - STMicroelectronics ST72334J4T7 Datasheet HTML 102Page - STMicroelectronics ST72334J4T7 Datasheet HTML 103Page - STMicroelectronics ST72334J4T7 Datasheet HTML 104Page - STMicroelectronics ST72334J4T7 Datasheet HTML 105Page - STMicroelectronics ST72334J4T7 Datasheet HTML 106Page - STMicroelectronics ST72334J4T7 Datasheet HTML 107Page - STMicroelectronics ST72334J4T7 Datasheet HTML 108Page - STMicroelectronics ST72334J4T7 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 125 page
background image
ST72334J/N, ST72314J/N, ST72124J
105/125
8 ELECTRICAL CHARACTERISTICS
8.1 ABSOLUTE MAXIMUM RATINGS
This product contains devices for protecting the in-
puts against damage due to high static voltages,
however it is advisable to take normal precautions
to avoid applying any voltage higher than the
specified maximum rated voltages.
For proper operation it is recommended that VI
and VO be higher than VSS and lower than VDD.
Reliability is enhanced if unused inputs are con-
nected to an appropriate logic voltage level (VDD
or VSS).
Power Considerations. The average chip-junc-
tion temperature, TJ, in Celsius can be obtained
from:
TJ =
TA + PD x RthJA
Where:
TA =
Ambient Temperature.
RthJA =Package thermal resistance
(junction-to ambient).
PD =PINT +PPORT.
PINT =IDD xVDD (chip internal power).
PPORT =Port power dissipation
determined by the user)
Note:
Stresses above those listed as “absolute maximum ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device under these conditions is not implied. Exposure to maximum rating con-
ditions for extended periods may affect device reliability.
General Warning:
Directly connecting the RESET and I/O pins to VDD or VSS could damage the device if an unintentional internal reset is
generated or the program counter is corrupted (by an expected change to the I/O configuration). To guarantee safe op-
eration, this connection has to be done through a pull-up or pull-down resistor (10K
Ω typical).
Thermal Characteristics
Symbol
Ratings
Value
Unit
VDD -VSS
Supply voltage
6.5
V
VDDA -VSSA
Analog reference voltage
VDDA >VSS
6.5
V
|VDD_i -VDD_j|
|VDD_i -VDDA|
Max. variations (power line)
50
mV
|VSS_i -VSS_j|
|VSS_i -VSSA|
Max. variations (ground line)
50
mV
VIN
Input voltage
VSS - 0.3 to VDD + 0.3
V
VOUT
Output voltage
V
SS - 0.3 to VDD + 0.3
V
ESD
ESD susceptibility
2000
V
IVDD_i
Total current into VDD_i (source)
150
mA
IVSS_i
Total current out of VSS_i (sink)
150
Symbol
Ratings
Value
Unit
RthJA
Package thermal resistance
TQFP64
SDIP56
TQFP44
SDIP42
60
TBD
TBD
TBD
°C/W
TJmax
Max. junction temperature
150
°C
TSTG
Storage temperature range
-65 to +150
°C
PD
Power dissipation
500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com