Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72334J4T7 Datasheet(PDF) 106 Page - STMicroelectronics

Part # ST72334J4T7
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72334J4T7 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button ST72334J4T7 Datasheet HTML 102Page - STMicroelectronics ST72334J4T7 Datasheet HTML 103Page - STMicroelectronics ST72334J4T7 Datasheet HTML 104Page - STMicroelectronics ST72334J4T7 Datasheet HTML 105Page - STMicroelectronics ST72334J4T7 Datasheet HTML 106Page - STMicroelectronics ST72334J4T7 Datasheet HTML 107Page - STMicroelectronics ST72334J4T7 Datasheet HTML 108Page - STMicroelectronics ST72334J4T7 Datasheet HTML 109Page - STMicroelectronics ST72334J4T7 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 125 page
background image
ST72334J/N, ST72314J/N, ST72124J
106/125
8.2 RECOMMENDED OPERATING CONDITIONS
Figure 58. fOSC Maximum Operating Frequency Versus VDD Supply Voltage
3)
Notes:
1) Unless otherwise specified, typical data are based on TA=25°C and VDD-VSS=5V. They are given only as design guide-
lines and are not tested.
2) A/D operation and resonator oscillator start-up are not guaranteed below 1MHz.
3) Operating conditions TA=-40 to +85°C. The shaded area is outside the recommended operating range; device func-
tionality is not guaranteed under these conditions.
GENERAL
Symbol
Parameter
Conditi ons
Min
Typ
Max
Unit
VDD
Supply voltage
see Figure 58
3.0
5.5
V
fOSC
Resonator oscillator frequency
VDD ≥ 3.5V
1
16
MHz
VDD ≥ 3.0V
1
8
External clock source
VDD ≥ 3.5V
0 2)
16
VDD ≥ 3.0V
0 2)
8
TA
Ambient temperature range
1 Suffix Version
0
70
°C
6 Suffix Version
-40
85
7 Suffix Version
-40
105
3 Suffix Version
-40
125
fOSC
[MHz]
SUPP LY VOLTAGE [V]
16
8
4
1
0
2.5
3
3.5
4
4.5
5
5.5
FUNCTIONALI TY NOT GUARAN TEED IN THIS AREA
FUNCTI ONALITY NOT GUARANTEED IN THIS AREA WITH RESONA TOR
FUNCTIONA LITY GUARANTEED IN THIS AREA
FUNCT IONALITY NOT GUARAN TEED IN THIS AREA
FOR TEMPERATU RE HIGHER THAN 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com