Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC08KL8 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # 68HC08KL8
Description  High-Performance M68HC08 Architecture
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC08KL8 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button 68HC08KL8 Datasheet HTML 64Page - NXP Semiconductors 68HC08KL8 Datasheet HTML 65Page - NXP Semiconductors 68HC08KL8 Datasheet HTML 66Page - NXP Semiconductors 68HC08KL8 Datasheet HTML 67Page - NXP Semiconductors 68HC08KL8 Datasheet HTML 68Page - NXP Semiconductors 68HC08KL8 Datasheet HTML 69Page - NXP Semiconductors 68HC08KL8 Datasheet HTML 70Page - NXP Semiconductors 68HC08KL8 Datasheet HTML 71Page - NXP Semiconductors 68HC08KL8 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 256 page
background image
Central Processor Unit (CPU)
General Release Specification
MC68HC08KL8 — Rev. 2.0
Central Processor Unit (CPU)
CPHX #
opr
CPHX
opr
Compare H:X with M
(H:X) – (M:M + 1)
¤ –– ¤¤¤ IMM
DIR
65
75
ii ii+1
dd
3
4
CPX #
opr
CPX
opr
CPX
opr
CPX ,X
CPX
opr,X
CPX
opr,X
CPX
opr,SP
CPX
opr,SP
Compare X with M
(X) – (M)
¤ –– ¤¤¤
IMM
DIR
EXT
IX2
IX1
IX
SP1
SP2
A3
B3
C3
D3
E3
F3
9EE3
9ED3
ii
dd
hh ll
ee ff
ff
ff
ee ff
2
3
4
4
3
2
4
5
DAA
Decimal Adjust A
(A)10
U– – ¤¤¤ INH
72
2
DBNZ
opr,rel
DBNZA
rel
DBNZX
rel
DBNZ
opr,X,rel
DBNZ X
,rel
DBNZ
opr,SP,rel
Decrement and Branch if Not Zero
A
← (A) – 1 or M ← (M) – 1 or X ← (X)–1
PC
← (PC) + 3 + rel ? (result) ≠ 0
PC
← (PC) + 2 + rel ? (result) ≠ 0
PC
← (PC) + 2 + rel ? (result) ≠ 0
PC
← (PC) + 3 + rel ? (result) ≠ 0
PC
← (PC) + 2 + rel ? (result) ≠ 0
PC
← (PC) + 4 + rel ? (result) ≠ 0
––––––
DIR
INH
INH
IX1
IX
SP1
3B
4B
5B
6B
7B
9E6B
dd rr
rr
rr
ff rr
rr
ff rr
5
3
3
5
4
6
DEC
opr
DECA
DECX
DEC
opr,X
DEC ,X
DEC
opr,SP
Decrement
M
← (M) – 1
A
← (A) – 1
X
← (X) – 1
M
← (M) – 1
M
← (M) – 1
M
← (M) – 1
¤ –– ¤¤ –
DIR
INH
INH
IX1
IX
SP1
3A
4A
5A
6A
7A
9E6A
dd
ff
ff
4
1
1
4
3
5
DIV
Divide
A
← (H:A)/(X)
H
← Remainder
–––– ¤¤ INH
52
7
EOR #
opr
EOR
opr
EOR
opr
EOR
opr,X
EOR
opr,X
EOR ,X
EOR
opr,SP
EOR
opr,SP
Exclusive OR M with A
A
← (A
⊕ M)
0 – – ¤¤ –
IMM
DIR
EXT
IX2
IX1
IX
SP1
SP2
A8
B8
C8
D8
E8
F8
9EE8
9ED8
ii
dd
hh ll
ee ff
ff
ff
ee ff
2
3
4
4
3
2
4
5
INC
opr
INCA
INCX
INC
opr,X
INC ,X
INC
opr,SP
Increment
M
← (M) + 1
A
← (A) + 1
X
← (X) + 1
M
← (M) + 1
M
← (M) + 1
M
← (M) + 1
¤ –– ¤¤ –
DIR
INH
INH
IX1
IX
SP1
3C
4C
5C
6C
7C
9E6C
dd
ff
ff
4
1
1
4
3
5
JMP
opr
JMP
opr
JMP
opr,X
JMP
opr,X
JMP ,X
Jump
PC
← Jump Address
– – – – – –
DIR
EXT
IX2
IX1
IX
BC
CC
DC
EC
FC
dd
hh ll
ee ff
ff
2
3
4
3
2
JSR
opr
JSR
opr
JSR
opr,X
JSR
opr,X
JSR ,X
Jump to Subroutine
PC
← (PC) + n (n = 1, 2, or 3)
Push (PCL); SP
← (SP) – 1
Push (PCH); SP
← (SP) – 1
PC
← Unconditional Address
––––––
DIR
EXT
IX2
IX1
IX
BD
CD
DD
ED
FD
dd
hh ll
ee ff
ff
4
5
6
5
4
LDA #
opr
LDA
opr
LDA
opr
LDA
opr,X
LDA
opr,X
LDA ,X
LDA
opr,SP
LDA
opr,SP
Load A from M
A
← (M)
0 – – ¤¤ –
IMM
DIR
EXT
IX2
IX1
IX
SP1
SP2
A6
B6
C6
D6
E6
F6
9EE6
9ED6
ii
dd
hh ll
ee ff
ff
ff
ee ff
2
3
4
4
3
2
4
5
Table 6-1. Instruction Set Summary (Continued)
Source
Form
Operation
Description
Effect on
CCR
VH I N Z C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com