Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC705JB2 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button 68HC705JB2 Datasheet HTML 27Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 28Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 29Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 30Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 31Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 32Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 33Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 34Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
INTERRUPTS
REV 1.1
4-1
SECTION 4
INTERRUPTS
The MCU can be interrupted in six different ways:
•
Non-maskable Software Interrupt Instruction (SWI)
•
External Interrupt (IRQ)
•
Optional External Interrupt via IRQ on PA0-PA3 (mask option)
•
USB Interrupt
•
Timer1 Interrupt (16-bit Timer)
•
Multi-Function Timer Interrupt
4.1
CPU INTERRUPT PROCESSING
Interrupts cause the processor to save register contents on the stack and to set
the interrupt mask (I-bit) to prevent additional interrupts. Unlike RESET, hardware
interrupts do not cause the current instruction execution to be halted, but are
considered pending until the current instruction is complete.
If interrupts are not masked (I-bit in the CCR is clear) and the corresponding
interrupt enable bit is set the processor will proceed with interrupt processing.
Otherwise, the next instruction is fetched and executed. If an interrupt occurs the
processor completes the current instruction, then stacks the current CPU register
states, sets the I-bit to inhibit further interrupts, and finally checks the pending
hardware interrupts. If more than one interrupt is pending following the stacking
operation, the interrupt with the highest vector location shown in Table 4-1 will be
serviced first. The SWI is executed the same as any other instruction, regardless
of the I-bit state.
When an interrupt is to be processed the CPU fetches the address of the
appropriate interrupt software service routine from the vector table at locations
$1FF4 to $1FFF as defined in Table 4-1.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com