Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F100LEDXXXFB Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # R5F100LEDXXXFB
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LEDXXXFB Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button R5F100LEDXXXFB Datasheet HTML 195Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 196Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 197Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 198Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 199Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 200Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 201Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 202Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 207 page
background image
RL78/G13
4. PACKAGE DRAWINGS
R01DS0131EJ0350 Rev.3.50
199 of 200
Jun 30, 2020
B
S
y
e
S
x
b
M
L
c
Lp
HD
HE
ZD
ZE
L1
A1
A2
A
D
E
A3
S
0.145
(UNIT:mm)
ITEM
DIMENSIONS
D
E
HD
HE
A
A1
A2
A3
20.00 0.20
14.00 0.20
22.00 0.20
16.00 0.20
1.60 MAX.
0.10 0.05
1.40 0.05
0.07
0.08
0.055
0.045
0.25
c
e
x
y
ZD
ZE
0.65
0.13
0.10
0.575
0.825
L
Lp
L1
0.50
0.60 0.15
5
3
1.00 0.20
3
detail of lead end
0.32
b
+
+
+
30
50
1
100
31
51
81
80
A
AB
JEITA Package Code
RENESAS Code
Previous Code
MASS (TYP.) [g]
P-LQFP100-14x20-0.65
PLQP0100JC-A
P100GF-65-GBN-1
0.92
2012 Renesas Electronics Corporation. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com