Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F100LEDXXXFB Datasheet(PDF) 202 Page - Renesas Technology Corp

Part # R5F100LEDXXXFB
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LEDXXXFB Datasheet(HTML) 202 Page - Renesas Technology Corp

Back Button R5F100LEDXXXFB Datasheet HTML 198Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 199Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 200Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 201Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 202Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 203Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 204Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 205Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 207 page
background image
C - 2
Rev.
Date
Description
Page
Summary
3.00
Aug 02, 2013
81
Modification of figure of AC Timing Test Points
81
Modification of description and note 3 in (1) During communication at same
potential (UART mode)
83
Modification of description in (2) During communication at same potential
(CSI mode)
84
Modification of description in (3) During communication at same potential
(CSI mode)
85
Modification of description in (4) During communication at same potential
(CSI mode) (1/2)
86
Modification of description in (4) During communication at same potential
(CSI mode) (2/2)
88
Modification of table in (5) During communication at same potential (simplified
I2C mode) (1/2)
89
Modification of table and caution in (5) During communication at same
potential (simplified I2C mode) (2/2)
91
Modification of table and notes 1 and 4 in (6) Communication at different
potential (1.8 V, 2.5 V, 3 V) (UART mode) (1/2)
92, 93
Modification of table and notes 2 to 7 in (6) Communication at different
potential (1.8 V, 2.5 V, 3 V) (UART mode) (2/2)
94
Modification of remarks 1 to 4 in (6) Communication at different potential (1.8
V, 2.5 V, 3 V) (UART mode) (2/2)
95
Modification of table in (7) Communication at different potential (2.5 V, 3 V)
(CSI mode) (1/2)
96
Modification of table and caution in (7) Communication at different potential
(2.5 V, 3 V) (CSI mode) (2/2)
97
Modification of table in (8) Communication at different potential (1.8 V, 2.5 V,
3 V) (CSI mode) (1/3)
98
Modification of table, note 1, and caution in (8) Communication at different
potential (1.8 V, 2.5 V, 3 V) (CSI mode) (2/3)
99
Modification of table, note 1, and caution in (8) Communication at different
potential (1.8 V, 2.5 V, 3 V) (CSI mode) (3/3)
100
Modification of remarks 3 and 4 in (8) Communication at different potential (1.8
V, 2.5 V, 3 V) (CSI mode) (3/3)
102
Modification of table in (9) Communication at different potential (1.8 V, 2.5 V,
3 V) (CSI mode) (1/2)
103
Modification of table and caution in (9) Communication at different potential
(1.8 V, 2.5 V, 3 V) (CSI mode) (2/2)
106
Modification of table in (10) Communication at different potential (1.8 V, 2.5 V,
3 V) (simplified I2C mode) (1/2)
107
Modification of table, note 1, and caution in (10) Communication at different
potential (1.8 V, 2.5 V, 3 V) (simplified I2C mode) (2/2)
109
Addition of (1) I2C standard mode
111
Addition of (2) I2C fast mode
112
Addition of (3) I2C fast mode plus
112
Modification of IICA serial transfer timing
113
Addition of table in 2.6.1 A/D converter characteristics
113
Modification of description in 2.6.1 (1)
114
Modification of notes 3 to 5 in 2.6.1 (1)
115
Modification of description and notes 2, 4, and 5 in 2.6.1 (2)
116
Modification of description and notes 3 and 4 in 2.6.1 (3)
117
Modification of description and notes 3 and 4 in 2.6.1 (4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com