Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F100LEDXXXSM Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # R5F100LEDXXXSM
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LEDXXXSM Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button R5F100LEDXXXSM Datasheet HTML 10Page - Renesas Technology Corp R5F100LEDXXXSM Datasheet HTML 11Page - Renesas Technology Corp R5F100LEDXXXSM Datasheet HTML 12Page - Renesas Technology Corp R5F100LEDXXXSM Datasheet HTML 13Page - Renesas Technology Corp R5F100LEDXXXSM Datasheet HTML 14Page - Renesas Technology Corp R5F100LEDXXXSM Datasheet HTML 15Page - Renesas Technology Corp R5F100LEDXXXSM Datasheet HTML 16Page - Renesas Technology Corp R5F100LEDXXXSM Datasheet HTML 17Page - Renesas Technology Corp R5F100LEDXXXSM Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 207 page
background image
RL78/G13
1. OUTLINE
R01DS0131EJ0350 Rev.3.50
14 of 200
Jun 30, 2020
1.3.3 25-pin products
● 25-pin plastic WFLGA (3 × 3 mm, 0.50-mm pitch)
RL78/G13
(Top View)
INDEX MARK
5
4
3
2
1
ABC
DE
EDCB
A
INDEX MARK
Top View
Bottom View
A
B
C
D
E
5
P40/TOOL0
RESET
P01/ANI16/
TO00/RxD1
P22/ANI2
P147/ANI18
5
4
P122/X2/
EXCLK
P137/INTP0
P00/ANI17/
TI00/TxD1
P21/ANI1/
AVREFM
P10/SCK00/
SCL00
4
3
P121/X1
VDD
P20/ANI0/
AVREFP
P12/SO00/
TxD0/
TOOLTxD
P11/SI00/
RxD0/
TOOLRxD/
SDA00
3
2
REGC
VSS
P30/INTP3/
SCK11/SCL11
P17/TI02/
TO02/SO11
P50/INTP1/
SI11/SDA11
2
1
P60/SCLA0
P61/SDAA0
P31/TI03/
TO03/INTP4/
PCLBUZ0
P16/TI01/
TO01/INTP5
P130
1
A
B
C
D
E
Caution
Connect the REGC pin to Vss via a capacitor (0.47 to 1 µF).
Remark
For pin identification, see 1.4 Pin Identification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com