Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C731U103MYYDDA7301 Datasheet(PDF) 9 Page - Kemet Corporation

Part # C731U103MYYDDA7301
Description  Radial Leaded Ceramic Disc Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C731U103MYYDDA7301 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button C731U103MYYDDA7301 Datasheet HTML 5Page - Kemet Corporation C731U103MYYDDA7301 Datasheet HTML 6Page - Kemet Corporation C731U103MYYDDA7301 Datasheet HTML 7Page - Kemet Corporation C731U103MYYDDA7301 Datasheet HTML 8Page - Kemet Corporation C731U103MYYDDA7301 Datasheet HTML 9Page - Kemet Corporation C731U103MYYDDA7301 Datasheet HTML 10Page - Kemet Corporation C731U103MYYDDA7301 Datasheet HTML 11Page - Kemet Corporation C731U103MYYDDA7301 Datasheet HTML 12Page - Kemet Corporation C731U103MYYDDA7301 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
C1103_KJY • 1/24/2023
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, C700, Encapsulated, KJY Type, X1 440/400 VAC/Y2 300/250 VAC (Industrial Grade)
Table 2 – Performance & Reliability: Test Methods and Conditions cont.
Item
Specification
Test Method
Flame Test
The capacitor flame extinguishes as
follows:
Cycle
Time
1 ~ 4
30 seconds
maximum
5
60 seconds
maximum
The capacitor is exposed to a flame for 15 seconds and then
removed for 15 seconds. This test is repeated for 5 cycles.
76
Capacitor
Flame
38
127
20º
Gas Burner
(Unit:mm)
Active Flammability
The cheesecloth should not ignite.
The capacitors are individually wrapped in at least one, but not
more than two, complete layers of cheesecloth. They are then
subjected to 20 discharges. The interval between successive
discharges is 5 seconds. The VAC is maintained for 2 minutes
after the last discharge.
S1
Tr
Vac
S2
C1
L3
L4
C2
C3
CX
Ct
Vt
L1
F
R
Oscilloscope
L2
C
1, 2
1 μF ±10%
C
3
0.033 μF ±5% 10 kV
L
1-10
1.5 mH ±20% 16 A Rod core choke
Cx
Test capacitor
R
100 ±2% Ω
V
AC
V
R ±5%
Ct
3 μF ±5% 10 kV
V
R
Rated Working Voltage
F
Fuse, Rated 10A
Vt
Voltage applied to C
t
Vx
5kV
time
Passive Flammability
The burning time should not exceed
30 seconds.
The tissue paper should not ignite.
The capacitor under test is held into a flame and in a position
which best promotes burning. Each specimen is exposed to the
flame once.
200
±5mm
45º
Test Specimen
About 10mm
Thick Board
Tissue
Time of Exposure to Flame: 30 seconds
Length of Flame: 12 ±1 mm
Gas Burner Length: 35 mm minimum
Inside Diameter: 0.5 ±0.1 mm
Outside Diameter: 0.9 mm maximum
Gas Butane Gas Purity: 95% minimum
1
“Room Condition” is defined as follows: Temperature: 20 ~ 35°C/Humidity: 45 ~ 75%/Atmospheric Pressure: 86 ~ 106 kPa.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com