Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M74HCT541 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HCT541
Description  OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT541 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HCT541 Datasheet HTML 1Page - STMicroelectronics M74HCT541 Datasheet HTML 2Page - STMicroelectronics M74HCT541 Datasheet HTML 3Page - STMicroelectronics M74HCT541 Datasheet HTML 4Page - STMicroelectronics M74HCT541 Datasheet HTML 5Page - STMicroelectronics M74HCT541 Datasheet HTML 6Page - STMicroelectronics M74HCT541 Datasheet HTML 7Page - STMicroelectronics M74HCT541 Datasheet HTML 8Page - STMicroelectronics M74HCT541 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
July 2001
s
HIGH SPEED:
tPD = 14ns (TYP.) at VCC = 4.5V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
COMPATIBLE WITH TTL OUTPUTS :
VIH = 2V (MIN.) VIL = 0.8V (MAX)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 6mA (MIN)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 541
DESCRIPTION
The 74HCT541 is an advanced high-speed
CMOS
OCTAL
BUS
BUFFER
(3-STATE)
fabricated with silicon gate C2MOS technology.
The M74HCT541 is a non inverting buffer.
The 3-STATE control gate operates as a two input
AND such that if either G1 and G2 are high, all
eight output are in the high impedance state. In
order
to
enhance
PC
board
layout
the
M74HCT541 offer a pinout having inputs and
outputs on opposite sides of the package.
The M74HCT541 is designed to directly interface
HSC2MOS
systems
with
TTL
and
NMOS
components.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HCT541
OCTAL BUS BUFFER
WITH 3 STATE OUTPUTS (NON INVERTED)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HCT541B1R
SOP
M74HCT541M1R
M74HCT541RM13TR
TSSOP
M74HCT541TTR
TSSOP
DIP
SOP


Similar Part No. - M74HCT541

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT541 STMICROELECTRONICS-M74HCT541 Datasheet
266Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HCT540: INVERTED - HCT541 NON INVERTED
Oct-1993
M74HCT541B1R STMICROELECTRONICS-M74HCT541B1R Datasheet
266Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HCT540: INVERTED - HCT541 NON INVERTED
Oct-1993
M74HCT541C1R STMICROELECTRONICS-M74HCT541C1R Datasheet
266Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HCT540: INVERTED - HCT541 NON INVERTED
Oct-1993
M74HCT541M1R STMICROELECTRONICS-M74HCT541M1R Datasheet
266Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HCT540: INVERTED - HCT541 NON INVERTED
Oct-1993
More results

Similar Description - M74HCT541

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC541 STMICROELECTRONICS-74VHC541 Datasheet
66Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Jun-1999
74VHCT541A STMICROELECTRONICS-74VHCT541A Datasheet
63Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Aug-1999
logo
Toshiba Semiconductor
TC74LVX240F TOSHIBA-TC74LVX240F Datasheet
281Kb / 8P
OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
254Kb / 6P
OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
06-Aug-1997
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
06-Aug-1997
TC74VHCT540AF TOSHIBA-TC74VHCT540AF Datasheet
256Kb / 6P
OCTAL BUS BUFFER. INVERTED/NON INVERTED, 3-STATE OUTPUTS
logo
STMicroelectronics
M74HC244 STMICROELECTRONICS-M74HC244 Datasheet
198Kb / 10P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Jul-2001
74AC541 STMICROELECTRONICS-74AC541 Datasheet
84Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Nov-1998
M74HCT244B1R STMICROELECTRONICS-M74HCT244B1R Datasheet
199Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Aug-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com