Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSTVF16859 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SSTVF16859
Description  13-bit 1:2 SSTL_2 registered buffer for DDR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSTVF16859 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SSTVF16859 Datasheet HTML 5Page - NXP Semiconductors SSTVF16859 Datasheet HTML 6Page - NXP Semiconductors SSTVF16859 Datasheet HTML 7Page - NXP Semiconductors SSTVF16859 Datasheet HTML 8Page - NXP Semiconductors SSTVF16859 Datasheet HTML 9Page - NXP Semiconductors SSTVF16859 Datasheet HTML 10Page - NXP Semiconductors SSTVF16859 Datasheet HTML 11Page - NXP Semiconductors SSTVF16859 Datasheet HTML 12Page - NXP Semiconductors SSTVF16859 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Philips Semiconductors
Product data sheet
SSTVF16859
13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 12
9
TIMING REQUIREMENTS—PC1600–PC2700
Over recommended operating conditions; Tamb = 0 °C to +70 °C (unless otherwise noted) (see Figure 1)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
VDD = 2.5 V ± 0.2 V
UNIT
MIN
MAX
fclock
Clock frequency
—
200
MHz
tw
Pulse duration, CK, CK HIGH or LOW
2.5
—
ns
tact
Differential inputs active time
Notes 1, 2
—
22
ns
tinact
Differential inputs inactive time
Notes 1, 3
—
22
ns
t
Setup time, fast slew rate
(see Notes 4 and 6)
Data before CK
↑ CK↓
0.65
ns
tsu
Setup time, slow slew rate
(see Notes 5 and 6)
Data before CK
↑, CK↓
0.75
ns
t
Hold time, fast slew rate
(see Notes 4 and 6)
Data after CK
↑ CK↓
0.75
ns
th
Hold time, slow slew rate
(see Notes 5 and 6)
Data after CK
↑, CK↓
0.9
ns
NOTES:
1. This parameter is not necessarily production tested.
2. Data inputs must be below a minimum time of tact max, after RESET is taken HIGH.
3. Data and clock inputs must be held at valid levels (not floating) a minimum time of tinact max, after RESET is taken LOW.
4. For data signal input slew rate
≥ 1 V/ns.
5. For data signal input slew rate
≥ 0.5 V/ns and < 1 V/ns.
6. CK, CK signals input slew rates are
≥ 1 V/ns.
TIMING REQUIREMENTS—PC3200
Over recommended operating conditions; Tamb = 0 °C to +70 °C (unless otherwise noted) (see Figure 1)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
VDD = 2.6 V ± 0.1 V
UNIT
MIN
MAX
fclock
Clock frequency
—
210
MHz
tw
Pulse duration, CK, CK HIGH or LOW
2.5
—
ns
tact
Differential inputs active time
Notes 1, 2
—
22
ns
tinact
Differential inputs inactive time
Notes 1, 3
—
22
ns
t
Setup time, fast slew rate
(see Notes 4 and 6)
Data before CK
↑ CK↓
0.65
ns
tsu
Setup time, slow slew rate
(see Notes 5 and 6)
Data before CK
↑, CK↓
0.75
ns
t
Hold time, fast slew rate
(see Notes 4 and 6)
Data after CK
↑ CK↓
0.65
ns
th
Hold time, slow slew rate
(see Notes 5 and 6)
Data after CK
↑, CK↓
0.8
ns
NOTES:
1. This parameter is not necessarily production tested.
2. Data inputs must be below a minimum time of tact max, after RESET is taken HIGH.
3. Data and clock inputs must be held at valid levels (not floating) a minimum time of tinact max, after RESET is taken LOW.
4. For data signal input slew rate
≥ 1 V/ns.
5. For data signal input slew rate
≥ 0.5 V/ns and < 1 V/ns.
6. CK, CK signals input slew rates are
≥ 1 V/ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com