Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMF2803R3S Datasheet(PDF) 7 Page - International Rectifier

Part # AMF2803R3S
Description  ADVANCED ANALOG RADIATION TOLERANT DC/DC CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMF2803R3S Datasheet(HTML) 7 Page - International Rectifier

  AMF2803R3S Datasheet HTML 1Page - International Rectifier AMF2803R3S Datasheet HTML 2Page - International Rectifier AMF2803R3S Datasheet HTML 3Page - International Rectifier AMF2803R3S Datasheet HTML 4Page - International Rectifier AMF2803R3S Datasheet HTML 5Page - International Rectifier AMF2803R3S Datasheet HTML 6Page - International Rectifier AMF2803R3S Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.irf.com
7
AMF28XXS Series
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
ADVANCED ANALOG: 2270 Martin Av., Santa Clara, California 95050, Tel: (408) 727-0500
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 07/03
AMF28XXS Case Outline
Part Numbering
Pin Designation
1.600
1.850
1.380
1.130
Ø 0.140
0.19
0.600
0.800
1.000
0.400
0.03D x 0.25L
8 P ins
2.10
0.33
0.17
Pin No.
Designation
1
Enable
2
Sync Input
3
Positive Output
4
Output Common
5
N/C
6
Case Ground
7
Input Return
8
Positive Input
Tolerance unless otherwise specified:
x.xx
±0.010
x.xxx ±0.005
AMF 28 05 S / EM
Model
Input Voltage
28 = 28V
Outputs
S = Single
D = Dual
Output Voltage
03R3 = 3.3V, 05 = 5V,
12 = 12V, 15 = 15V
Screening
Blank = Flight Model (CH+)
/EM = Engineering Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com