Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MINIPCIECAN-II Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # MINIPCIECAN-II
Description  Intel® 6th/7th Generation Processor Fanless System; EN 50155 Compliant for Railway Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MINIPCIECAN-II Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  MINIPCIECAN-II Datasheet HTML 1Page - Advantech Co., Ltd. MINIPCIECAN-II Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Intelligent Transportation Systems
Features
ITA-5231
Intel® 6th/7th Generation Processor
Fanless System; EN 50155 Compliant for
Railway Applications
ƒ
Fanless computer for railway vehicle applications, fully compliant with
EN 50155
ƒ
Satisfies temp. standard: EN 50155 TX (-40 ~ 70 °C) and IEC 61373 body
mount class B
ƒ
Compliant with EN 50121-3-2/ EN 50121-4 EMC test standard
ƒ
Ruggedized connectors (M12) used for communication and power ports
ƒ
Supports easy-swap storage module and I/O module
ƒ
No RED Certification
Specifications
System Chipset
CPU
Intel Xeon E3-1505L V6
Intel® Core™ i7-6822EQ
i5-6442EQ
Celeron® G3902E
Base Frequency/Turbo Boost
2.2/3.0GHz
2.0/2.8GHz
1.9/2.7GHz
1.6GHz/NA
L3 Cache
8M
8M
6M
2M
Cores/Threads
4C/8T
4C/8T
4C/4T
2C/2T
Chipset
CM238
QM170
BIOS
AMI SPI 128Mbyte Flash
Memory
Technology
16GB on board memory,
DDR4 2133 MHz
8GB on board memory,
DDR4 2133MHz
8GB on board memory,
DDR4 2133MHz
8GB on board memory,
DDR4 2133MHz
SODIMM slot
1
1
1
1
Max. Capacity
Up to 32GB
Up to 32GB, by request
Up to 32GB, by request
Up to 32GB, by request
Graphics
Chipset
Intel HD Graphics 530
Intel HD Graphics 530
Intel HD Graphics 530
Intel HD Graphics 510
VRAM
Shared with system memory up to 512MB
Display
DVI-I: 1920x1200 @ 60Hz
I/O
USB
2 x USB3.0 with Type A
1 x USB2.0 with M12 A-coded(F) 4-pin
Serial Port
2 x DB9, RS-232/422/485 with 2KV Isolation, supports auto-flow control
DIO
1 x DB9, 4-bit DI/ 4-bit DO with 2KV Isolation
Main Display
1 x DVI-I (optional to DVI-D+VGA via Y cable)
Audio
1 x DB9, 1 x speaker-out with 2 x 4W amplifier, 1 x Mic-in
Ethernet
Controller
Intel I210-IT/I219LM/
ELX550AT2 (industrial)
Intel I210-IT/I219LM
Intel I210-IT/I219LM
(optional I225-IT)
Intel I210-IT/I219LM
Interface
10/100/1000/10000 Mbps
10/100/1000Mbps
10/100/1000/(2500)Mbps
10/100/1000Mbps
Connector
5 x M12 X-coded(F), LAN1/
LAN2 with i210-IT and
LAN3 with i219, and extra 2
x 10G LAN with X550
3 x M12 X-coded(F), LAN1/
LAN2 with i210-IT and
LAN3 with i219LM
3 x M12 X-coded(F), LAN1
with i225-IT, LAN2 with
i210-IT and LAN3 with
i219LM
3 x M12 X-coded(F), LAN1/
LAN2 with i210-IT and
LAN3 with i219LM
Storage
HDD/SSD easy-swap module
1 x ITA-EM-ST51-00A1E, supports 2 x 2.5" SSD (default setting)
Max to 4 x 2.5" SSD (7mm/9.5mm), supports RAID 0,1,5,10
mSATA
1 x mSATA slot on board
Others
Mini PCIe
3 x Mini PCIe Socket (full size)
SIM card
2 x SIM slot
LED & Button
LED
1 x Power, 1 x storage, 1 x alert,1 x battery
Button
1 x Power on/off switch
1 x Reset button
Power
Input Voltage
DC 24V input compliant with EN50155 class S2/C2 (optional DC 48/72/110V input)
Connector
1 x M12 S-coded(M) 4-pin
Watchdog Timer
Output
System reset
Interval
Programmable 1~255 sec/min
Environmental
Operating (with industrial/wide-temperature SSD/mSATA)
Non-operating
Temperature
-40 ~ 70 °C
-40 ~ 85 °C
Humidity
5% ~ 95% @ 40 °C (Non-condensing)
Mechanical
Dimension (W x H x D)
427 x 88 x 195.8 mm (16.81" x 3.46" x 7.71")/482.6 x 88 x 221.3 mm (19" x 3.46" x 8.71") with mounting kits
Install
Rack-mounting
Certification
EMC
CE/FCC Class A, CCC
Safety
UL, CB, CCC
EN 50155 Compliance
Ambient Temperature
EN 50155 TX (-40 ~ 70 °C)
Shock and Vibration
IEC 61373 body mount class B
Interruptions of Voltage Supply
Class S2
Supply Change Over
Class C2
EMC
EN 50121-3-2, EN 50121-4
All product specifications are subject to change without notice.
Last updated: 25-Feb-2022


Similar Part No. - MINIPCIECAN-II

ManufacturerPart #DatasheetDescription
logo
Edgecore Networks Corpo...
MINIPACK-AS8000-O-AC-F-US EDGE-CORE-MINIPACK-AS8000-O-AC-F-US Datasheet
3Mb / 4P
Minipack AS8000 Open Modular Platform
More results

Similar Description - MINIPCIECAN-II

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ITA-5730-00A1E ADVANTECH-ITA-5730-00A1E Datasheet
740Kb / 2P
Intel짰 3rd Generation Core??i Processor Fanless System EN 50155 Certified Product for Railway Applications
ITA-5831 ADVANTECH-ITA-5831_V01 Datasheet
1Mb / 2P
Intel짰 6th Generation Core??i Processor Fanless System; EN 50155 Compliant for Railway Applications
6-Jan-2021
ITA-2231 ADVANTECH-ITA-2231 Datasheet
891Kb / 2P
Intel® 6th Generation Core™ i Processor 2U Fanless System; EN 50121-4 Compliant for Railway Applications
6-Jan-2021
ITA-3650 ADVANTECH-ITA-3650 Datasheet
660Kb / 2P
Intel 6th & 7th Generation Desktop Processor Fanless System for Traffic Management Application
18-Feb-2021
ITA-3650E ADVANTECH-ITA-3650E Datasheet
767Kb / 2P
Intel 6th & 7th Generation Desktop Processor Fanless System for Highway ETC Application
18-Feb-2021
ITA-3650N ADVANTECH-ITA-3650N Datasheet
733Kb / 2P
Intel 6th & 7th Generation Desktop Processor Fanless System for Highway Surveillance Application
18-Feb-2021
ITA-5231G ADVANTECH-ITA-5231G Datasheet
753Kb / 2P
Intel® 6th Generation Core™ i Processor Fanless System; EN 50155 Compliant for Railway Applications
25-Feb-2022
ITA-5231S ADVANTECH-ITA-5231S Datasheet
553Kb / 2P
Intel® 6th Generation Core™ i Processor Fanless System; EN 50155 Compliant for Railway Applications
24-Aug-2021
ITA-5231W ADVANTECH-ITA-5231W Datasheet
824Kb / 2P
Intel® 6th Generation Core™ i Processor Fanless System; EN 50155 Compliant for Railway Applications
24-Aug-2021
ITA-5512 ADVANTECH-ITA-5512 Datasheet
578Kb / 2P
Intel® Atom™ E3950 Fanless Compact System; EN 50155 Compliant for Railway Applications
11-Mar-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com